Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4187 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4187
Description  Framing Streak Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4187 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4187 Datasheet HTML 1Page - Hamamatsu Corporation C4187 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Multi-Pulse Generator
C4398-01
Framing Unit
M4189
Framing
Window
A4394
Visible Input
Optics
A4393
Streak Slit
A4395
Objective lens
UV Input Optics
A4392
Power Supply Unit
(Supplied With C4187)
Main Frame
C4187
High-Speed
Streak Unit
M4190
Slow-Speed
Streak Unit
M4191
Camera Head
Dual-mode Cooled CCD Camera
C4880-10-12A
Mount Table Cover
(Supplied With A1471-09)
2.1:1
2.7:1
Camera Controller
Output Optics A4399
Mount Table A1471-09
Readout System
(HPD-TA)
Frame Grabber
Streak Image
Analysis
Software
Streak Image Analysis Systems
for IBM® PC/AT
Personal Computer
(IBM PC/AT Compatible)
Used when the number
of frames is 1, 2, or 4(a)*
and for the streak mode
Used when the number
of frames is 4(b)* or 8
*See “Frame size on phosphor screen” of
Framing Unit M4189
High framing speed up to 3 million frames/sec., Short exposure time of 50 ns (fram-
ing mode) and Temporal resolution of 10 ps (streak mode)!
The framing streak camera C4187 is able to analyze
ultra-fast optical phenomena in both framing and streak
modes through the interchangeable plug-in units. In
addition, a wide variety of peripheral devices allow you
to configure your own system for your specific applica-
tion.
High-speed Framing Rate Up To 3-million Frames/sec
SYSTEM CONFIGURATION
The HPD-TA is a high-performance digital data acquisition and control system specifically de-
signed to read out images from the C4187 framing or streak camera’s phosphor screen.
The entire system is controlled through a powerful but user-friendly software application that
runs on a Microsoft Windows platform.
* A read out system based on the
® computer is also available. Please consult with our
sales office for more details.
The Hamamatsu C4187 is a framing streak camera specially
designed for the observation and analysis of ultra-fast optical
phenomena. The interchangeable plug-in units give easy ac-
cess to two types of imaging operations: Framing and Streak.
In framing mode, the C4187 performs continuous imaging up to
8 frames at a framing rate up to 3 million frames/sec. and a
minimum exposure time of 50 ns. In addition, in streak mode, the
C4187 measures ultra-fast optical phenomena of 10 ps temporal
resolution and provides time, light intensity, and position (or
wavelength) information simultaneously. Employing a designed
ultra-fast imaging tube, the C4187 makes it possible to observe
and analyze ultra-fast optical phenomena at low light levels
previously impossible.
The C4187 can be further enhanced by use of a real-time
readout system, which is composed of a high-sensitivity video
camera, a data analyzer and other peripheral equipment which
can analyze image data of optical phenomena in real-time.
APPLICATIONS
q Fuel injection and combustion in an engine
q Dynamic analysis of highspeed biological phenomena
q Laser ablation
q Discharge phenomena
q Collision-caused destructive phenomena
q Detonation
q Beam monitor
q High-speed optical phenomena in laser fusion
q Observation of plasma radiation
v Shape changes after applying pulsed voltage on liposome
3
FEATURES
q Two types of imaging modes: framing and streak
q A frame rate up to 3 million frames/sec and a
minimum exposure time of 50 ns
The frame rate and the exposure time can be continuously adjusted between 100
frames/sec and 3 million frames/sec, and 50 nanoseconds and 1 millisecond,
respectively
q Continuously adjustable frame rate and exposure time
q Switchable number of frames up to 8 frames
q External synchronization
q Multi-exposure imaging
q Wide wavelength range: 200 nm to 850 nm
q Ultra-high sensitivity imaging
q Dedicated real-time readout system
OPERATING PRINCIPLE OF FRAME
RATE AND SHUTTER SPEED
MODE1: When inputting an external trigger pulse, continuous
N-frame images (N=1,2,4,8) are automatically performed with
constant exposure time Te and frame interval Ti.
MODE2: Whenever inputting external trigger pulses, each one
frame image is performed. The exposure time Te is constant.
Synchronous imaging with laser pulses are also possible.
MODE3: Imaging with exposure time and frame interval based
on trigger signal using a multipulse generator C4398 is per-
formed. The exposure time and frame interval can be set by a
multi-pulse generator C4398.
SPECIFICATIONS
1 MAINFRAME C4187
q Imaging Tube N3831
Window material1
UV glass
Photocathode
S-20
Spectral response range
200 to 850 nm
Effective photocathode area2
15
× 25 mm
Phosphor screen
P-20
Output window material
Fiber optic plate
Effective phosphor screen, area
40 mm
Image magnification
1: 1.3
MCP gain (at 900 V)
Greater than 1000
1 Fiber optic plates are also be available. The spectral response range is 350 to 850
nanometers.
2 ln streak mode operation, the effective slit length is 18 mm.
[Spectral Response Characteristic of N3831]
2 Framing Window A4394
This is a window to determine a visual field in framing mode
operation. Several windows are available.
Window Sizes
5.4
× 7.7 mm
(Number of Frames: 8)
5.4
× 15.4 mm
(Number of Frames: 4(b))
5.4
× 7.7 mm
(Number of Frames: 4(a))
7.7
× 15.4 mm
(Number of Frames: 2)
15.4
× 15.4 mm
(Number of Frames: 1)
NOTE: The size can be changed by changing window plates.
3 Streak Slit A4395
This is a slit used in streak mode operation.
Slit width
0 to 5 mm
Slit readout accuracy
5 mm
Slit length
0 to 20
µm
4 Input Optics A4392, A4393
Two input optics are available: UV input optics (A4392) and
visible input optics (A4393).
UV Type A4392
Visible Type A4393
Spectral transmittance
200 to 1600 nm
400 to 900 nm
Image magnification
1 : 1
1 : 1
200
Wavelength (nm)
400
600
800
1000
10
-1
10
0
10
1
10
2
1
IMAGE
T1
500 ns
500 ns
500 ns
2
T2
3
T3
N
TN
T1
T2
T3
TN
500 ns
TRIG.
TRIG.
500 ns
1
IMAGE
Te
2
Te
N
Te
3
Te
500 ns 500 ns
500 ns
TRIG.
Ti
Ti
Ti
Te
Te
Te
Te
1
2
3
N-1
N
OFF
ON
Te
IMAGE
500 ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com