Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4187 Datasheet (PDF) - Hamamatsu Corporation

C4187 Datasheet PDF - Hamamatsu Corporation
Part # C4187
Download  C4187 Download
File Size   244.9 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Framing Streak Camera

C4187 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4187 Datasheet PDF - Hamamatsu Corporation

Part # C4187
Download  C4187 Click to download

File Size   244.9 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Framing Streak Camera

C4187 Datasheet (HTML) - Hamamatsu Corporation


C4187 Product details

Framing Streak Camera

High-speed Framing Rate Up To 3-million Frames/sec

FEATURES
● Two types of imaging modes: framing and streak
● A frame rate up to 3 million frames/sec and a minimum exposure time of 50 ns
    The frame rate and the exposure time can be continuously adjusted between 100 frames/sec and 3 million frames/sec, and 50 nanoseconds and 1 millisecond, respectively
● Continuously adjustable frame rate and exposure time
● Switchable number of frames up to 8 frames
● External synchronization
● Multi-exposure imaging
● Wide wavelength range: 200 nm to 850 nm
● Ultra-high sensitivity imaging
● Dedicated real-time readout system

APPLICATIONS
● Fuel injection and combustion in an engine
● Dynamic analysis of highspeed biological phenomena
● Laser ablation
● Discharge phenomena
● Collision-caused destructive phenomena
● Detonation
● Beam monitor
● High-speed optical phenomena in laser fusion
● Observation of plasma radiation




Similar Part No. - C4187

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C418 COILCRAFT-C418 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C418 COILCRAFT-C418 Datasheet
100Kb / 1P
Designer’s Kits
More results


Similar Description - C4187

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C2830 HAMAMATSU-C2830 Datasheet
86Kb / 4P
Streak Camera
C5680 HAMAMATSU-C5680 Datasheet
245Kb / 8P
Universal Streak Camera
C7700 HAMAMATSU-C7700 Datasheet
195Kb / 4P
High Dynamic Range Streak Camera
logo
Dallas Semiconductor
DS2143 DALLAS-DS2143 Datasheet
552Kb / 44P
E1/ISDN-PRI framing transceiver
logo
Exar Corporation
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
Camera Interface
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
Full and Short Data Packet Framing
DB929B CMLMICRO-DB929B Datasheet
623Kb / 51P
Full Data Packet Framing
logo
Leopard Imaging Inc.
LI-ISX019-GMSL LEOPARD-LI-ISX019-GMSL Datasheet
614Kb / 6P
SerDes Camera
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com