Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2A-NXT Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 2A-NXT
Description  2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A-NXT Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  2A-NXT Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A-NXT Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A-NXT Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A-NXT Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2A-NXT&
A-NXT&2
2B-NXT
B-NXT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
Specifications
Specifications (Core
(Core Operating
Operating Area)
Area)
Input Voltage Range
±
10
Output Voltage Accuracy
±
5
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
B-NXT typ.
124mW min. / 186mW typ. / 250mW max.
A-NXT typ.
159mW min. / 192mW typ. / 240mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
40pF min. / 115pF max.
Isolation Resistance
10 GΩ min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40℃ to +85℃ (see Graph)
Storage Temperature Range
-55℃ to +125℃
Reflow Temperature ROHS compliant (for more details see Application Notes)
245℃ (30 sec) max.
Relative Humidity
MSL Level 1
95% RH
Package Weight
B-NXT types
2.1g
A-NXT types
2.5g
MTBF (+25℃)
(+85℃)
}
Detailed Information see
Application Notes chapter "MTBF"
using MIL-HDBK 217F
886 x 103 hours
using MIL-HDBK 217F
128 x 103 hours
Typical
Typical Characteristics
Characteristics
AXX05NXT
AXX12NXT
AXX15NXT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com