Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2A-NXT Datasheet (PDF) - Microdc power Technology Co., Ltd

2A-NXT Datasheet PDF - Microdc power Technology Co., Ltd
Part # 2A-NXT
Download  2A-NXT Download
File Size   674.01 Kbytes
Page   4 Pages
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd
Description 2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER

2A-NXT Datasheet (PDF)

Go To PDF Page Download Datasheet
2A-NXT Datasheet PDF - Microdc power Technology Co., Ltd

Part # 2A-NXT
Download  2A-NXT Click to download

File Size   674.01 Kbytes
Page   4 Pages
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd
Description 2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER

2A-NXT Datasheet (HTML) - Microdc power Technology Co., Ltd




Similar Part No. - 2A-NXT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2A-143 KEMET-2A-143 Datasheet
146Kb / 1P
Snap-in Cover Assembly Machine
2A-159 KEMET-2A-159 Datasheet
151Kb / 1P
Tabs Welding to Cover Machine
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
Assembly into Can , Sleeving Machine
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
Automatic Winding Machine for Power Capacitors
logo
AG Electronica
2A-SA AGELECTRONICA-2A-SA Datasheet
437Kb / 1P
PINZA DE PRECISION PUNTA PLANA 4.75”
12/07/2019
More results


Similar Description - 2A-NXT

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
2 Watt Isolated DC-DC Converter Single / Dual Output
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
A-XT MICRODC-A-XT Datasheet
983Kb / 6P
1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
QA-XT MICRODC-QA-XT Datasheet
559Kb / 3P
0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
QF-XT MICRODC-QF-XT Datasheet
645Kb / 3P
0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com