Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR16 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR16
Description  SINGLE-TURN ROTARY POTENTIOMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR16 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR16 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR16 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR16 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR16 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
Resistance Laws:
Fig. 1. Resistance laws: A - linear; B-logarithmic, C-reverse logarithmic.
Fig. 2. Derating curve versus ambient temperature.
Derating curve: Potenctiometers could dissipated from 100% of nominal power at ambient temperature
≤ +40oC
up to 25% nominal power at ambient temperature +70oC.
Marking
Marking on metal case: producer "TELPOD"; rated resistance; month and year of production.
Ordering example:
Please order by an example: We need potentiometer 16 mm; with tap; double 47kW; linear A low; diameter of
spindle 6 mm, long of spindle 25 mm; end type of spindle P-6; for mounting on printed circuit board (PCB):
Potentiometer PRPT 162G 47kohms A 25 P6
Packing:
The potentiometers can be supplied in bulk packing in a plastic bags and a carton box.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com