Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR16
Description  SINGLE-TURN ROTARY POTENTIOMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR16 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR16 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR16 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR16 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
PR16
SINGLE-TURN ROTARY
POTENTIOMETERS
Description
The PR 16 are single-turn, metal cased, rotary carbon control potentiometers. They comprise a carbon resistive
track fitted on a resin modified paper base. The base diameter of potentiometers is 16 mm. Resistance track can
be linear-A, logarithmic-B, inverse logarithmic-C or type of M+N. Potentiometers are made single or tandem, either
with or without tap, plastic or metallic spindle. Terminals are designed for a PCB or soldering pins. Potenctiometers
can
be
fitted
on
devices
to
hold
up
spindles
in
precise
locations:
1,
11,
or
41
positions.
Applications
Potentiometers are widely used in electronic audio-video equipment, electric domestic equipment and outer control
elements.
Quick Reference Data
Parameter
Value
Nominal Resistance RN
According E3 series (1 - 2, 2 - 4, 7 - 10 etc.)
Resistance range: A (linear law) (ohms)
B (logarythmic law) (ohms)
C (rewers logarythmi law) (ohms)
M + N law (ohms)
100 ÷ 2,2M
1k ÷ 1M
1k ÷ 1M
1k ÷ 10k
Tolerance of resistance (%)
±5% for RN less than or equal to 470kohms on request
±10% for RN more than 470kohms on request
±20% for RN less than or equal to 220kohms
±30 % for RN more than220kohms
Maximum dissipation at Tamb= 40oC:
A law
(W)
B law
(W)
C law
(W)
M + N law
(W)
0.1
0.05
0.05
0.05
Maximum working voltage:
A law
(V)
B law
(V)
C law
(V)
M+N law
(V)
160
160
160
160
Synchronous characteristics:
(only for tandem potentiometers G)
A law – for range 10 – 90% efective way
B law – for range 0 – 40 dB
less than or equal to 2dB
less than or equal to 4dB
Insulation voltage
(VDC)
240
Total mechanical angle of rotation
(o)
300±5
Maxi,um dissipation in category temperature
25% PN
Climatic category
25/070/10


Similar Part No. - PR16

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR16 CML-PR16 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
PR16 VCC-PR16 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Same Sky Devices
PR16 SAMESKY-PR16 Datasheet
350Kb / 6P
POWER RELAY
09/12/2024
PR16-12V-540-2A SAMESKY-PR16-12V-540-2A Datasheet
350Kb / 6P
POWER RELAY
09/12/2024
PR16-12V-540-2C SAMESKY-PR16-12V-540-2C Datasheet
350Kb / 6P
POWER RELAY
09/12/2024
More results

Similar Description - PR16

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVJ-Y96F03B54 PANASONIC-EVJ-Y96F03B54 Datasheet
171Kb / 5P
Rotary Potentiometers/EVJC/EVJY
logo
List of Unclassifed Man...
PR18 ETC-PR18 Datasheet
196Kb / 4P
SINGLE-TURN ROTARY POTENTIOMETERS
PR24 ETC-PR24 Datasheet
107Kb / 3P
SINGLE-TURN ROTARY POTENTIOMETERS
SP ETC-SP Datasheet
91Kb / 2P
CARBON FILM SINGLE TURN POTENTIOMETERS
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
Precision Multi-Turn Potentiometers
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com