Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2021 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2021
Description  TOKEN RING MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2021 Datasheet(HTML) 1 Page - XFMRS Inc.

  2021 Datasheet HTML 1Page - XFMRS Inc. 2021 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
TOKEN RING MAGNETICS
• UTP OR STP APPLICATIONS
• 2,000 VRMS ISOLATION STANDARD
• LOW INSERTION LOSS OVER WIDE BAND WIDTH
• SURFACE MOUNT AND THRU-HOLE PACKAGES AVAILABLE
• WIDE VARIETY OF FILTER MODULES AVAILABLE FOR ALL APPLICATIONS
• CUSTOM DESIGNS AVAILABLE AT NO EXTRA COST
ALL PART NUMBERS : INSERTION LOSS
RETURN LOSS
0.20 dB MAX 2.2 MHz - 20 MHz
22 dB MIN 1 MHz - 8 MHz
0.40 dB MAX 1.4 MHz - 31 MHz
20 dB MIN 8 MHz - 16 MHz
1.0 dB MAX 900 KHz - 40 MHz
18 dB MIN 16 KHz - 24 MHz
NOTES:
1. OCL MEASURED AT 100 KHz, 100 mv
2. PRI/SEC ISOLATION : 2,000 VRMS
3. TURNS RATIO; ± 2%
4. PRI OCL; uH ± 30%
5. PRI/SEC LL; uH MAX
6. PRI/SEC Cw/w; pF MAX
7. PRI/SEC DCR; OHMS MAX
PART
NUMBER
XF0756L1
XF1256D1
XF2506B1
XF0756L2
XF1256D2
XF2506B2
XF0756L3
XF1256D3
XF2506L3
ELECTRICAL SPECIFICATIONS:
L
D
B
L
D
B
L
D
B
0.2 / 0.4
0.3 / 0.6
0.4 / 0.8
0.2 / 0.2
0.3 / 0.3
0.4 / 0.4
0.2 / 0.3
0.3 / 0.5
0.4 / 0.6
10
10
15
10
10
15
10
10
15
0.10
0.15
0.20
0.10
0.10
0.15
0.20
0.30
0.50
75
125
250
75
125
250
75
125
250
PACKAGE
STYLE
PRI/SEC
DCR
PRI/SEC
Cw/w
PRI/SEC
L
L
PRI
OCL
1:1:2:2
1:1:2:2
1:1:2:2
1:1:1:1
1:1:1:1
1:1:1:1
1:1:1.22:1.22
1:1:1.22:1.22
1:1:1.22:1.22
TURNS
RATIO


Similar Part No. - 2021

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
2021 TUOFENG-2021 Datasheet
2Mb / 5P
N-Channel, 20V, 0.89A, Small Signal MOSFET
Feb,2018 V1.0
logo
Heyco.
2021 HEYCO-2021 Datasheet
133Kb / 1P
Snap Bushings
logo
Premier Farnell Limited...
2021-01 DURATOOL-2021-01 Datasheet
22Kb / 1P
Long Nose Pliers
logo
TEWS Technologies GmbH
2021-05-17 TEWS-2021-05-17 Datasheet
145Kb / 2P
16 Digital Outputs, High Side Switch
2021-05-17
logo
Data Delay Devices, Inc...
2021-100 DATADELAY-2021-100 Datasheet
32Kb / 2P
FIXED SIP DELAY LINE TR < 1ns
More results

Similar Description - 2021

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
Token Ring Transceiver
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
Token Ring Transceiver Module
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
Token Ring Transceiver
logo
Bel Fuse Inc.
0556-5338-00 BEL-0556-5338-00_00 Datasheet
120Kb / 6P
TOKEN RING MAGNETICS
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
TOKEN RING FILTER
1/15/96
logo
Datatronic Distribution...
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
Token Ring Interface Module
logo
XFMRS Inc.
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
logo
Texas Instruments
TI380C25 TI1-TI380C25 Datasheet
997Kb / 71P
TOKEN-RING COMMPROCESSOR
logo
XFMRS Inc.
2021 XFMRS-2021_15 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com