Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-VPA2-K-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B004-VPA2-K-R
Description  2-Port Compact PS/2 KVM Switch w/Audio and Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B004-VPA2-K-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B004-VPA2-K-R Datasheet HTML 1Page - List of Unclassifed Manufacturers B004-VPA2-K-R Datasheet HTML 2Page - List of Unclassifed Manufacturers B004-VPA2-K-R Datasheet HTML 3Page - List of Unclassifed Manufacturers B004-VPA2-K-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-Port Compact PS/2 KVM Switch w/Audio and
Cable
MODEL NUMBER: B004-VPA2-K-R
Description
The B004-VPA2-K-R is a 2-port Compact PS/2 KVM Switch with optional audio and microphone switching
function. It allows you to access, control, boot and reboot two PS/2-enabled computers from a single console
(keyboard, monitor and mouse). The independent audio/mic switching function allows an uninterrupted audio
experience - you can continue listening to audio even when you switch to the other computer. Compatible with all
major operating systems.
Features
Fast, easy switching via keyboard hot keys or push buttons
Plug-and-play setup - no software required
Hot-swap capability allows easy addition or removal of computers without powering down the switch or other
computers
Speaker and microphone connections allow sharing of audio components between systems (standard 3.5 mm
audio connections)
Independent audio switching allows you to listen to audio from one computer while switching to the other
computer
Supports video resolutions up to 2048 x 1536 (standard 15-pin VGA connectors)
Supports Microsoft® IntelliMouse® and the scrolling wheel on most mice
Compact design saves desk space
Does not require an AC adapter
Compatible with all major operating systems
Includes two, 6ft Cable Kits
Specifications
Highlights
Fast, easy switching via keyboard
hot keys or push buttons
Allows sharing of audio
components between systems;
listen to music from one
computer while accessing another
Compact design saves desk
space
No software or AC adapter
required
(x2) 6ft PS/2 KVM Cable kits and
(x2) 6ft 3.5mm Audio Cable Kits
included
Compatible with all major
operating systems
Applications
Use this KVM switch when
accessing two PS/2-equipped
computers with one monitor,
keyboard and mouse.
System Requirements
Console: VGA, SVGA or
Multisync Monitor, PS/2
Keyboard and PS/2 Mouse
Computers: VGA, SVGA or
Multisync Monitor Port, PS/2
Keyboard Port and PS/2 Mouse
Port
Audio (Optional): Speakers with
standard 3.5mm Connectors and
a computer with 3.5mm ports
Compatible with all major
operating systems
Package Includes
Compact 2-port PS/2 KVM
Switch with Audio
(2) 6ft PS/2 KVM Cable Kits and
(2) 6ft 3.5mm Audio Cable Kits
Owner's Manual with Warranty
Information
1 / 3


Similar Part No. - B004-VPA2-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-VUA2-K-R ETC2-B004-VUA2-K-R Datasheet
508Kb / 4P
2-Port Compact USB KVM Switch w/Audio and Cable
logo
Tripp Lite. All Rights ...
B004-VUA2-K-R TRIPPLITE-B004-VUA2-K-R Datasheet
163Kb / 3P
2-Port Compact USB KVM Switch with Audio and Cable
More results

Similar Description - B004-VPA2-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
2-Port DVI/USB KVM Switch w/ Audio and Cables
B004-VUA2-K-R ETC2-B004-VUA2-K-R Datasheet
508Kb / 4P
2-Port Compact USB KVM Switch w/Audio and Cable
B022-002-KT-R ETC2-B022-002-KT-R Datasheet
484Kb / 4P
2-Port Desktop KVM Switch w/ 2 KVM Cable Kits
logo
Tripp Lite. All Rights ...
B004DUA2KR TRIPPLITE-B004DUA2KR Datasheet
497Kb / 3P
2-Port DVI-USB KVM Switch w- Audio and Cables
B004VPA2KR TRIPPLITE-B004VPA2KR Datasheet
503Kb / 3P
2-Port Compact PS-2 KVM Switch w-Audio and Cable
B004VUA2KR TRIPPLITE-B004VUA2KR Datasheet
501Kb / 3P
2-Port Compact USB KVM Switch w-Audio and Cable
B022002KTR TRIPPLITE-B022002KTR Datasheet
476Kb / 2P
2-Port Desktop KVM Switch w- 2 KVM Cable Kits (PS2)
logo
Level One
KVM-0221 LVL1-KVM-0221 Datasheet
1Mb / 2P
2-Port USB KVM Switch w/ Audio
KVM-0411 LVL1-KVM-0411 Datasheet
936Kb / 2P
4-Port PS/2 KVM Switch w/ Audio
logo
Tripp Lite. All Rights ...
B004-VUA2-K-R TRIPPLITE-B004-VUA2-K-R Datasheet
163Kb / 3P
2-Port Compact USB KVM Switch with Audio and Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com