Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-VPA2-K-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B004-VPA2-K-R
Description  2-Port Compact PS/2 KVM Switch w/Audio and Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B004-VPA2-K-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B004-VPA2-K-R Datasheet HTML 1Page - List of Unclassifed Manufacturers B004-VPA2-K-R Datasheet HTML 2Page - List of Unclassifed Manufacturers B004-VPA2-K-R Datasheet HTML 3Page - List of Unclassifed Manufacturers B004-VPA2-K-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OVERVIEW
# Of Users
1
Console
No
Port Control
Push Buttons, Hotkeys
Max CPU
2
PC/Server
PS/2; VGA
Cat5 KVM Switch
No
IP Remote Access
No
PHYSICAL
Color
Black
Style
Desktop
LCD Monitor (in.)
Not Applicable
LCD Monitor (cm)
Not Applicable
ENVIRONMENTAL
BTUs
17.065
CONNECTIONS
Ports
2
Included KVM Cable
(Equipment Side) -
Connector 1
HD15 (Male)
Included KVM Cable
(Equipment Side) -
Connector 2
(x2) MiniDIN6 (Male)
Included KVM Cable
(Equipment Side) -
Connector 3
(x2) 3.5mm (Male)
Local Console Ports -
Port 1
HD15 (Female)
Local Console Ports -
Port 2
(x2) MiniDIN6 (Female)
Local Console Ports -
Port 3
(x2) 3.5mm (Female)
CERTIFICATIONS
Certifications
FCC, CE, RoHS Compliant
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com