Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LR2000
Description  Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LR2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LR2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LR2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LR2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LR2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
OUTPUT
Output watts
2000
Output nominal voltage
230V, 50 / 60Hz
Outlet quantity / type
6 (2 NEMA 5-15R, 2 NEMA 6-15R, 2 IEC-320)
Outlet details
Includes 1 uniplug adapter that converts one of the built-in outlets to accept a variety of country specific plug types
INPUT
Maximum input amps / watts
10A
Input cord length (ft.)
6.5
Input cord length (m)
2
UPC ASSIGNMENT
Unit Carton UPC#
037332040282
LEDS ALARMS & SWITCHES
Front panel LEDs
5 LEDs show incoming voltage status (Very Low / Low / Normal / High / Very High)
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
1200
EMI / RFI AC noise suppression
75 dB
PHYSICAL
Shipping weight (lbs)
8.8
Shipping weight (kg)
4
Unit Dimensions (HWD/in)
7.25 x 6 x 7
Unit Dimensions (HWD/cm)
18.4 x 15.5 x 17.8
Material of construction
Polycarbonate
Form factors supported
Small tower placement supported
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com