Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LR2000
Description  Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LR2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LR2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LR2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LR2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LR2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Line Conditioner / AVR System - Automatic voltage
regulator / Power conditioner / AC surge suppressor
MODEL NUMBER: LR2000
Description
Tripp Lite's LR2000 Automatic Voltage Regulation/AVR power conditioner prevents equipment damage,
performance problems and system degradation due to voltage fluctuations, line noise and transient surges.
Ensures 230V +/-10% output voltage for computer equipment, home theater systems and other sensitive
electronic devices during brownouts to 175 and overvoltages to 253V. Reliable transformer-based voltage
regulation offers two available levels of voltage boost to correct severe undervoltages, along with a single level
of voltage reduction for overvoltages. Network-grade AC surge and EMI/RFI noise suppression removes power
contaminants known to cause system interference, lockups and power-related audio and video artifacts. Extends
the useful life of connected equipment by enhancing power supply efficiency and preventing overtemperature
conditions. Front panel LEDs offer metered verification of input voltage level in 3 stages. Detachable IEC-320 C14 connector accepts a variety of worldwide
replacement cordsets. Includes 6 outlets (2 NEMA 5-15R, 2 NEMA 6-15R and 2 IEC-320 C13), plus one UNIPLUG adapter capable of accommodating
dozens of international plug types.
Features
Maintains regulated 208/220/240V nominal output (selectable).
Three levels of voltage stabilization offer targeted response to overvoltages, undervoltages and severe brownouts
Input voltages over 255V (@240V)/234V (@220V)/221V (@208V) are reduced by 9.8%
Input voltages between 204-223V (@240V)/ 189-204V (@220V)/ 179-193V (@208V) are boosted by 9%
Input voltages at or below 205V (@240V)/ 188V (@220V)/ 178 (208V)are boosted by 18.2%
2000 watts output power rating supports up to 8.7 amps
Network grade AC surge suppression
EMI/RFI noise filtering
5 diagnostic LEDs indicate boost, trim and normal AVR operation
6 protected outlets (2 NEMA 5-15R/2 NEMA 6-15R/2 IEC-320 C13)
IEC-320 C14 inlet connection supports user supplied country specific equipment cord set
Highlights
Automatic Voltage Regulation -
AVR System maintains 230V
+/-10%
Corrects brownouts to 175V and
overvoltages to 281V
Reliable single-cut, dual-boost
transformer based voltage
correction
6 Outlets (2 5-15R, 2 6-15R & 2
C13), 1 UNIPLUG adapter
2000 watts
Applications
Ideal for use with computer
accessories, laser printers, home
theater and professional A/V
systems, POS equipment and
other sensitive electronic devices
Package Includes
LR2000 Line Conditioner
2m C13 to NEMA 6-15P cord set
One UNIPLUG international plug
adapter
Instruction manual and warranty
information
1 / 3


Similar Part No. - LR2000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
More results

Similar Description - LR2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
LR1000 TRIPPLITE-LR1000 Datasheet
538Kb / 2P
1000W 230V AVR Line Conditioner, Power Conditioner
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com