Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS604WM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS604WM
Description  Line Conditioner - Automatic voltage regulation with surge protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS604WM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS604WM Datasheet HTML 1Page - List of Unclassifed Manufacturers LS604WM Datasheet HTML 2Page - List of Unclassifed Manufacturers LS604WM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output nominal voltage
120V / 60Hz
Outlet quantity / type
4 NEMA 5-15R
INPUT
Input cord length (ft.)
10
Input cord length (m)
1.83
LEDS ALARMS & SWITCHES
Front panel LEDs
1 LED shows if surge suppression is intact
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
720 joules
EMI / RFI AC noise suppression
20 dB
PHYSICAL
Shipping weight (lbs)
12.00
Shipping weight (kg)
5.44
Unit Dimensions (HWD/in)
4 x 5 x 5.75
Unit Dimensions (HWD/cm)
10.16 x 12.7 x 14.61
Material of construction
Steel
Form factors supported
Short tower format with keyhole slots for wall-mount applications
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$10,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com