Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS604WM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS604WM
Description  Line Conditioner - Automatic voltage regulation with surge protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS604WM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS604WM Datasheet HTML 1Page - List of Unclassifed Manufacturers LS604WM Datasheet HTML 2Page - List of Unclassifed Manufacturers LS604WM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Line Conditioner - Automatic voltage regulation
with surge protection
MODEL NUMBER: LS604WM
Description
Tripp Lite's wall-mountable LS604WM automatic voltage regulation system offers complete protection from
brownouts, overvoltages and transient surges for computers, printers, telecommunications systems and more.
Transformer-based voltage correction circuits maintain usable 120V nominal AC output during brownouts as low as 87V and overvoltages to 140V. Network
grade equipment protection offers AC surge and noise suppression. Supports loads up to 600 watts. Rugged, all-metal case with keyhole mounting tabs allow
secure 4-screw mounting on walls and other surfaces. Includes 4 NEMA5-15R outlets, 6-ft. line cord and lighted power switch. $10,000 Ultimate Lifetime
Insurance (USA & Canada Only).
Features
Maintains usable 120V nominal output during brownouts as low as 87V and overvoltages as high as 140V
600 watts output power rating supports heavy 120V loads up to 5 amps
All-metal case with keyhole mounting tabs for secure 4-screw mounting on walls and other surfaces
Network grade surge suppression
Complete EMI/RFI noise filtering
Lighted red switch indicates power status
4 protected NEMA5-15R outlets
6-ft. AC power cord with standard NEMA5-15P input plug
$10,000 Ultimate Lifetime connected equipment insurance (USA and Canada Only)
Specifications
OUTPUT
Output VA
600
Output watts
600
Highlights
Automatically adjusts low voltage
600 watts continuous
4 NEMA 5-15R outlets
Wallmount cabinet keeps unit
conveniently out of the way
$10,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Maintains usable output voltage
during severe brownouts and
overvoltages for printers,
computers, telecommunications
systems and more.
Package Includes
LS604WM Line Conditioner
Mounting hardware
Instruction manual
1 / 2


Similar Part No. - LS604WM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
600W 120V Wall-Mount Power Conditioner
More results

Similar Description - LS604WM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4A12P-1AH-12R5 BOURNS-4A12P-1AH-12R5 Datasheet
454Kb / 3P
Surge Line Protection Module
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
AVS5D TRIPPLITE-AVS5D Datasheet
521Kb / 3P
230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
AVS30D TRIPPLITE-AVS30D Datasheet
526Kb / 2P
230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com