Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR50
Description  50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR50 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR50 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
Output Capacity Details
Intermittent Communications Service (ICS) Amps - 50Continuous Duty Amps - 35
UPC ASSIGNMENT
Unit Carton UPC#
037332060181
PHYSICAL
Unit Dimensions (HWD/in)
6.75 x 10.5 x 11.5
Unit Dimensions (HWD/cm)
17.15 x 26.67 x 29.21
Unit weight (lbs)
30
Unit weight (kg)
13.61
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com