Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR50
Description  50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR50 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR50 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50-Amp DC Power Supply - Precision Regulated
AC-to-DC Conversion
MODEL NUMBER: PR50
Description
Precision regulated DC power supplies are ideal for commercial/land-mobile, ham and CB radios, test bench
supplies, base stations, tape players and amplifiers. Designed for years of reliable service and superior performance, they efficiently convert 120 volts AC into
13.8 volts DC (+/-0.5V). The Trim Line Series of DC power supplies offers a low-profile design with a footprint that matches the most popular radios on the
market, such as Motorola, Radius, GE Monogram Series and EF Johnson models. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases
Features
Smaller footprint maximizes operating space
Crowbar overvoltage protection prevents damage to connected equipment due to overvoltages
Current-limiting electronic foldback enables time-controlled automatic overcurrent protection in case of overload
Solid state, integrated circuit maintains excellent regulation of output voltage
Regulated output voltage maintains up to 95% of no load value
High quality filtering creates very low ripple/low noise operation
Heavy-duty power transformer provides complete isolation from noise on incoming AC power
Large heat sinks and vented cabinets supply cool operation for continuous use and long life of the unit
Illuminated on/off switch
Connectors: Hardwire terminals / Red positive (+), Black negative (-)
Working Temperature Range: 0° C to 40° C (32° F to 104° F), 0 to 95% humidity, non-condensing
Storage Temperature Range: -15° C to 50° C (5° F to 122° F)
LED Indicators: Red LED indicates that DC output is being provided
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
Highlights
Smaller footprint maximizes
operating space
Crowbar overvoltage protection
prevents damage to connected
equipment due to overvoltages
Automatic time-controlled
overcurrent protection in case of
overload
Solid state, integrated circuit
maintains excellent regulation of
output voltage
Applications
225 watt transmitters, VHF/UHF ham
radios, commercial/land-mobile radios,
low power linear amplifiers, test bench
equipment, point-of-sale displays,
aquariums
1 / 2


Similar Part No. - PR50

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PR500 LAMBDA-PR500 Datasheet
83Kb / 1P
Rectifier module 500W
PR500-280 LAMBDA-PR500-280 Datasheet
83Kb / 1P
Rectifier module 500W
logo
Zibo Seno Electronic En...
PR5001 ZSELEC-PR5001 Datasheet
136Kb / 2P
5.0A FAST RECOVERY DIODE
logo
PREMA Semiconductor.
PR5001 PREMA-PR5001 Datasheet
1Mb / 6P
2 Photodiodes in One Chip for Spatially Resolved Light Detection
PR5001-ARC PREMA-PR5001-ARC Datasheet
1Mb / 6P
2 Photodiodes in One Chip for Spatially Resolved Light Detection
More results

Similar Description - PR50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR10 ETC2-PR10 Datasheet
479Kb / 3P
10-Amp DC Power Supply - Precision Regulated AC-to-DC Conversi
PR25 ETC2-PR25 Datasheet
481Kb / 3P
25-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR40 ETC2-PR40 Datasheet
480Kb / 3P
40-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR60 ETC2-PR60 Datasheet
478Kb / 3P
60-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
AC/DC-to-DC Din-rail power supply
logo
NTE Electronics
57-9D-500-1 NTE-57-9D-500-1 Datasheet
537Kb / 1P
9V AC-DC Switching Regulated Power Supply
57-12D-500-1 NTE-57-12D-500-1 Datasheet
2Mb / 1P
12V AC-DC Switching Regulated Power Supply
57-18D-500-1 NTE-57-18D-500-1 Datasheet
416Kb / 1P
18V AC-DC Switching Regulated Power Supply
57-24D-500-3 NTE-57-24D-500-3 Datasheet
777Kb / 1P
24V AC-DC Switching Regulated Power Supply
logo
Tripp Lite. All Rights ...
TLC11 TRIPPLITE-TLC11 Datasheet
143Kb / 1P
DC Power Supply - Precision Regulated AC-to-DC Conversion
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com