Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RLS10
Description  Lead-Free Current Sensing Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLS10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RLS10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 6Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 7Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Lead-Free Current Sensing Resistors
RLS Series
( Halogen-Free )
Document No
TRLS-XX0S001D
Issued date
2014/07/25
page
4/8
TA-I TECHNOLOGY CO., LTD
6. Recommended Solder Pad Dimension
Unit: mm
Series
Resistance (mΩ)
A
L
B
RLS06
R = 5
R = 20
1.0
2.8
0.6
5 < R < 20
0.85
RLS10
5 ≦ R < 10
1.4
3.2
0.8
10 ≦ R ≦ 20
1.2
RLS12
5 ≦ R < 10
1.8
4.7
1.2
10 ≦ R < 20
1.8
20 ≦ R ≦ 40
2.6
Note: *The copper foil minimum thickness of PCB needs 3 oz
Sensing Trace
B
A
L
Cu Trace



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com