Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS10 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RLS10
Description  Lead-Free Current Sensing Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLS10 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RLS10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 6Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 7Page - List of Unclassifed Manufacturers RLS10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Lead-Free Current Sensing Resistors
RLS Series
( Halogen-Free )
Document No
TRLS-XX0S001D
Issued date
2014/07/25
page
6/8
TA-I TECHNOLOGY CO., LTD
10. Reel Specification
Series
ψA
ψB
ψC
W
T
RLS06
178 ±2.0
60 ±1.0
13.0±1.0
9.0±1.0
11.4±1.0
RLS10
178 ±2.0
60 ±1.0
13.0±1.0
9.0±1.0
11.4±1.0
RLS12
178 ±2.0
60 ±1.0
13.0±1.0
9.0±1.0
11.4±1.0
11. Peeling Strength of Top Cover Tape
Test Condition: 0.1 to 0.7 N at a peel-off speed of 300 mm / min.
pull
top cover tape
300 mm/min
10 ~15∘
standard: 0.1 ~ 0.7 N
carrier tape
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
13. Shelf Life
:
2 years from manufacturing date.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com