Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS12 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RLS12
Description  Lead-Free Current Sensing Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLS12 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RLS12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 6Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 7Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Lead-Free Current Sensing Resistors
RLS Series
( Halogen-Free )
Document No
TRLS-XX0S001D
Issued date
2014/07/25
page
7/8
TA-I TECHNOLOGY CO., LTD
14. Recommend IR
– Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Alloyed Re-flow times : 3 times
Remark : To avoid discoloration phenomena of chip on terminal electrodes,
please use N2 Re-flow furnace .
Iron Solder:350±10℃ , 3+1/-0 sec, 1 time
Profile Feature
Lead (Pb )-Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3℃ / second max.
Preheat
- Temperature Min
(Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to
Tsmax ) (ts)
150℃
200℃
60 -150 seconds
Time maintained above :
- Temperature
(TL)
- Time (TL)
217℃
60-120 seconds
Peak Temperature (Tp)
260℃
Time within
5
0
℃ of actual Peak
Temperature (tp)
2
10 seconds
Ramp-down Rate
6℃/second max.
Time 25℃ to Peak Temperature
8mimutes max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com