Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RLS12
Description  Lead-Free Current Sensing Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLS12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RLS12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 6Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 7Page - List of Unclassifed Manufacturers RLS12 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Lead-Free Current Sensing Resistors
RLS Series
( Halogen-Free )
Document No
TRLS-XX0S001D
Issued date
2014/07/25
page
1/8
TA-I TECHNOLOGY CO., LTD
1. Scope:
This specification applied to the products of Lead-Free current sensing resistor of metal foil
for Lead-Free RLS series manufactured by TA-I TECHNOLOGY CO.,LTD.
2. Type Designation:
3. Dimension :
UNIT : mm
Series
L
W
C
T
RLS06
1.60±0.20
0.80±0.20
0.40±0.20
0.60±0.20
RLS10
2.00±0.20
1.25±0.20
0.40±0.30
0.70±0.20
RLS12
3.20±0.20
1.60±0.20
1.05±0.20
(R = 5 mΩ)
0.70±0.20
0.50±0.30
(5mΩ<R≦40mΩ)
L
W
C
C
T
010
3.1 Marking
For 0805 to 1206:
Resistance value is expressed by 3 digits.
E.G.:
005 = 0.005Ω = 5 mΩ
010 = 0.010Ω = 10mΩ
6.5 = 0.0065Ω = 6.5 mΩ
For 0603: No Marking.
RLS12
F
T
C
R010
Series No.
06→0603
10→0805
12→1206
Tolerance
F = ± 1%
G = ± 2%
J = ± 5%
Packaging
T=Paper
Power
B = 0.125 W
A = 0.25 W
S = 0.5 W
C = 1 W
Resistance
R005=5 mΩ
R0065=6.5 mΩ
R010=10mΩ


Similar Part No. - RLS12

ManufacturerPart #DatasheetDescription
logo
Rohm
RLS139 ROHM-RLS139 Datasheet
61Kb / 2P
Low-leakage Switching Diode
logo
Ohmite Mfg. Co.
RLS1K0E OHMITE-RLS1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
RLS1K0E OHMITE-RLS1K0E Datasheet
523Kb / 3P
(Potentiometers) Wirewound
RLS1K75E OHMITE-RLS1K75E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
RLS1K75E OHMITE-RLS1K75E Datasheet
523Kb / 3P
(Potentiometers) Wirewound
More results

Similar Description - RLS12

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
Current Sensing Resistors
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
RLF06FECMR001 ETC-RLF06FECMR001 Datasheet
403Kb / 6P
Lead-Free Current Sensing Resistors
RLM10FTSMR020 ETC-RLM10FTSMR020 Datasheet
503Kb / 6P
Lead-Free Current Sensing Resistors RLM Series
RLM20FECR010 ETC-RLM20FECR010 Datasheet
432Kb / 6P
Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR010 ETC-RLM25FECMR010 Datasheet
493Kb / 6P
Lead-Free Current Sensing Resistors RLM Series
RLM25FECR010 ETC-RLM25FECR010 Datasheet
489Kb / 6P
Lead-Free Current Sensing Resistors RLM Series
RLM25FEEMR50M ETC-RLM25FEEMR50M Datasheet
502Kb / 6P
Lead-Free Current Sensing Resistors RLM Series
RLN06FCR005 ETC-RLN06FCR005 Datasheet
365Kb / 6P
Lead-Free Current Sensing Resistors
RLN37FECR010 ETC-RLN37FECR010 Datasheet
299Kb / 6P
Lead-Free Current Sensing Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com