Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RM13 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
6/13
TA-I TECHNOLOGY CO., LTD
7. Marking
7.1 ±2% & ±5%(E24) : RM06 / RM10 / RM12 / RM13 / RM20 / RM25
Resistance value is expressed by 3 digits, the first two digits represent the significant figures of
nominal resistance value inΩ, and the third digit represents exponent for base of 10.
E.G. :, 102 = 10×10
2 = 1000Ω = 1KΩ
7.2 ±0.1% , ±0.5% , ±1% (E96 ) : RM10 / RM12 / RM13 / RM20 / RM25
Resistance value is expressed by 4 digits , the first three digits represent the significant
figures of nominal resistance value inΩ, and the fourth digit represents exponent for base of 10.
E.G. : 1000 = 100×10
0 = 100Ω
7.3 ±0.1% , ±0.5% , ±1% ( E96): RM06
When the marking space is too small in such small-sized resistors as RM06, the marking can not
made by 4 digits and may be made by two digits combined with one English capital.
Symbol for E96 series nominal resistance value
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
1000
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com