Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM13 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 11Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 12Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
11/13
TA-I TECHNOLOGY CO., LTD
9. Label :
9.1 Manufacture Label :
Date Code Resistance
Tolerance Type
Lot No:
9.2 Customer Label ( By customer request ):
Lead-Free Products
Product Spec.
Customer No:
Date
Year Month
10. Recommended land patterns :
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RM
02 (0201 )
0.25~0.3
0.7~0.9
0.3~0.4
RM
04 (0402 )
0.50~0.6
1.4~1.6
0.4~0.6
RM
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RM
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RM
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
RM
13 (1210 )
2.0~2.4
4.4~5.0
2.3~3.5
RM
20 (2010 )
3.3~3.7
5.7~6.5
2.3~3.5
RM
25 (2512 )
3.6~4.0
7.6~8.6
2.3~3.5
QTY: 5000 PCS
102
J
T00860166K
1416
0603
TA-I TECH
LEAD FREE
0603 5%(T) 1KΩ
105A702723 RM06JTN102
04.05.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com