Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DB9
Description  In-Line DB9 Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DB9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DB9 Datasheet HTML 1Page - List of Unclassifed Manufacturers DB9 Datasheet HTML 2Page - List of Unclassifed Manufacturers DB9 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
In-Line DB9 Surge Suppressor
MODEL NUMBER: DB9
Description
Tripp Lite's DB9 offers dataline surge suppression for DB9 serial ports of data terminal and data communications equipment, including PCs, printers, modems
and more. User configurable for use with male or female captive DB9 ports. Offers protection on all 9 lines, plus D shell chassis. Convenient DB9 input and
output connects directly to the protected port, obtaining a ground outlet from the computer chassis. Surge suppression is handled with balanced arrays of
high-speed avalanche diodes that divert excess energies created by electrostatic discharges, faulty wiring or lightning away from network interface
connections. Tripp Lite network surge suppressors reduce blown interface cards, garbled transmissions, system lock-ups and hard equipment failure by safely
shunting dataline surges to ground.
SUPPRESSION: Reversible DB9 m/f jacks, protects pins 1-9 and chassis, 18V clamping
Features
DB9 protects 9 pin serial connections for dataline surge suppression of data terminal, data communications equipment and PCs, printers, modems and
more
Reversible for use with male or female captive DB9 ports
Offers protection on all 9 data lines, plus D shell chassis
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to ground
Specifications
OVERVIEW
Intended Application
Computer Networking
OUTPUT
Circuit Breaker (amps)
340
INPUT
Highlights
Complete serial port (DB9) surge
protection
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
Package Includes
1 DB9 Surge Suppressor
1 / 2


Similar Part No. - DB9

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
logo
Banner Engineering Corp...
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
logo
Novaris
DB9-RS232 NOVARIS-DB9-RS232 Datasheet
473Kb / 1P
RS Serial Port Protectors
DB9-RS485 NOVARIS-DB9-RS485 Datasheet
473Kb / 1P
RS Serial Port Protectors
logo
Future Technology Devic...
DB9-USB-F FTDI-DB9-USB-F Datasheet
712Kb / 27P
DB9-USB-RS232 Module Male & Female
More results

Similar Description - DB9

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
120V AC POWER LINE SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B062 PROTEC-587B062_11 Datasheet
318Kb / 4P
240v acpower line surge suppressor
587B062LP PROTEC-587B062LP_11 Datasheet
333Kb / 4P
low profile 240v acpower line surge suppressor
587B062LPE PROTEC-587B062LPE_11 Datasheet
334Kb / 4P
low profile 240v acpower line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
logo
List of Unclassifed Man...
EURO-4 ETC2-EURO-4 Datasheet
497Kb / 4P
Isobar Surge Suppressor - Premium surge, spike and line noise protection
ISOBAR4220 ETC2-ISOBAR4220 Datasheet
493Kb / 4P
Isobar Surge Suppressor - Premium surge, spike and line noise protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com