Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNET1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DNET1
Description  RJ45 Network Surge Suppressor for Network/Phone Lines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DNET1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DNET1 Datasheet HTML 1Page - List of Unclassifed Manufacturers DNET1 Datasheet HTML 2Page - List of Unclassifed Manufacturers DNET1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RJ45 Network Surge Suppressor for Network/Phone
Lines
MODEL NUMBER: DNET1
Description
Tripp Lite's DNET1 offers network ethernet line surge suppression for 100Base-T, 10Base-T, Token Ring,
AS400/Sys3x and RS422 applications. Convenient RJ45 input and output connections with included 5 inch ethernet patch cable allows convenient placement
at the protected device network connection. Surge suppression is handled with balanced arrays of high-speed avalanche diodes that divert excess energies
created by electrostatic discharges, faulty wiring or lightning away from network interface connections. Tripp Lite network surge suppressors reduce blown NIC
cards, garbled network transmissions, system lock-ups and hard equipment failure by safely shunting dataline surges to ground.
SUPPRESSION: 1 set RJ45 in/out jacks, protects wires 1-8, 7.5V clamping
Features
DNET1 protects network workstations, printers and internetworking devices from surges present on 10/100Base-T, token ring, AS400/Sys3x or RS422
network lines
Convenient RJ45 input and output connections make for simple installation (RJ45 input/output connections, pins 1-8, 7.5V clamping)
5 inch ethernet patch cable enables ideal protection placed as close as possible to the point of use
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to ground
Specifications
OVERVIEW
Intended Application
Home/Office, Computer Networking
OUTPUT
Circuit Breaker (amps)
750
INPUT
Highlights
Complete Ethernet (RJ45) surge
protection
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
Applications
Ideal for the protection of network
workstations, printers and other
internetworking devices with a
network Ethernet connection
Ideal for NICs, terminals, hubs,
MAUs, LAN equipment
Package Includes
DNET1 dataline protector
5-in. RJ45 patch cable
Warranty information and
instruction manual
1 / 2


Similar Part No. - DNET1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
More results

Similar Description - DNET1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8601C SAMSUNG-KA8601C Datasheet
280Kb / 10P
SPEAKER PHONE WITH SPEECH NETWORK
logo
Comchip Technology
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
Diode Network / ESD Suppressor
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
Diode Network / ESD Suppressor
logo
Digitron Semiconductors
ZR01D DIGITRON-ZR01D Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01B DIGITRON-ZR01B Datasheet
172Kb / 2P
Inverted Series Suppressor Network
logo
List of Unclassifed Man...
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
DSUT1CSU ETC2-DSUT1CSU Datasheet
468Kb / 3P
RJ45 Network Surge Suppressor for Digital and Leased Lines, T-1 Equipment and ISDN Interfaces
logo
Tripp Lite. All Rights ...
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
logo
Shanghai Leiditech Elec...
TRJ45H LEIDITECH-TRJ45H Datasheet
1Mb / 1P
Surge Protective Devices For Network singal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com