Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS100
Description  serial device manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LS100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS100 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
주문 정보
Serial Device Server,
HelloDevice Lite Series,
LS100/LS110
Serial Interface
- Male형 DB9 시리얼 포트
- 1200bps ~ 115Kbps 지원
- 흐름 제어 : 하드웨어
- 신호
ㆍLS100
- RS232 : Rx, Tx, RTS, CTS, DTR, DSR, GND
ㆍLS110
- RS232 : RS232 : Rx, Tx, RTS, CTS, DTR, DSR, GND, DCD
Network Interfaces
- 10Base-T Ethernet
Protocols
- LS100 : ARP, IP/ICMP, TCP/IP, Telnet, DHCP client, PPPoE
- LS110 : ARP, IP/ICMP, TCP/IP, Telnet, DHCP client, DNS
Security
- User ID & Password
- LS110 : IP Address filtering
Management
- 시리얼 콘솔 포트
- Telnet
- HelloDevice Manager 소프트웨어,
O/S 지원 : Windows 98/Me/NT/2000/XP
Diagnostic LED
- Ready
- Ethernet Link, Act
- Serial Rx/Tx
- Power
Power
- 7.5 ~ 15VDC, 300mA 7.5V
Environmental
- 동작 온도 : 0℃ ~ 50℃
- 보관 온도 : -20℃ ~ 66℃
- 습도 : 90% Non-condensing
Physical properties
- 크기 (L x W x H) 및 무게
ㆍ100 x 72 x 25 (mm), 240g
Certification
- FCC (A), CE, MIC
Warranty
- 5년 보증
기술 사양
www.sena.co.kr
LS100
HelloDevice Lite 100 single-port serial device server
LS110
HelloDevice Lite 110 single-port serial device server
포함 내역
- Quick Start Guide
- 220V power supply
- 시리얼 케이블
- CD-ROM
선택 사항
- DIN-레일 거취 키트
자세한 정보는 세나 웹페이지에서 www.sena.co.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com