Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6207Q Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics L6207Q Datasheet HTML 10Page - STMicroelectronics L6207Q Datasheet HTML 11Page - STMicroelectronics L6207Q Datasheet HTML 12Page - STMicroelectronics L6207Q Datasheet HTML 13Page - STMicroelectronics L6207Q Datasheet HTML 14Page - STMicroelectronics L6207Q Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID018993 Rev 3
11/27
L6207Q
Circuit description
27
5.2
Logic inputs
Pins IN1A, IN2A, IN1B and IN2B are TTL/CMOS and µC compatible logic inputs. The internal
structure is shown in Figure 6. Typical values for turn-on and turn-off thresholds are
respectively Vth(ON) = 1.8 V and Vth(OFF) = 1.3 V.
Pins ENA and ENB have identical input structures with the exception that the drains of the
overcurrent and thermal protection MOSFETs (one for bridge A and one for bridge B) are
also connected to these pins. Due to these connections, some care must be taken in driving
these pins. Two configurations are shown in Figure 7 and 8. If driven by an open drain
(collector) structure, a pull-up resistor REN and a capacitor CEN are connected, as shown in
Figure 7. If the driver is a standard push-pull structure, the resistor REN and the capacitor
CEN are connected, as shown in Figure 8. The resistor REN should be chosen in the range
from 2.2 k
 to 180 k. Recommended values for REN and CEN are respectively 100 k and
5.6 nF. More information on selecting the values is found in Section 5.5.
Figure 6. Logic inputs internal structure
Figure 7. ENA and ENB pins open collector driving
Figure 8. ENA and ENB pins push-pull driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com