Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6207Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 10Page - STMicroelectronics L6207Q Datasheet HTML 11Page - STMicroelectronics L6207Q Datasheet HTML 12Page - STMicroelectronics L6207Q Datasheet HTML 13Page - STMicroelectronics L6207Q Datasheet HTML 14Page - STMicroelectronics L6207Q Datasheet HTML 15Page - STMicroelectronics L6207Q Datasheet HTML 16Page - STMicroelectronics L6207Q Datasheet HTML 17Page - STMicroelectronics L6207Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Circuit description
L6207Q
14/27
DocID018993 Rev 3
Figure 11 shows the magnitude of the OFF time tOFF versus COFF and ROFF values. It can be
approximately calculated from Equation 1 and Equation 2:
Equation 1
tRCFALL = 0.6 · ROFF · COFF
Equation 2
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated
deadtime with:
Equation 3
20 k
ROFF 100 k
0.47 nF
COFF 100 nF
tDT = 1 µs (typical value)
therefore:
Equation 4
tOFF(MIN) = 6.6 µs
tOFF(MAX) = 6 ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the rise time tRCRISE of the voltage at the
pin RCOFF. The rise time tRCRISE is only an issue if the capacitor is not completely charged
before the next time the monostable is triggered. Therefore, the ON time tON, which
depends on motors and supply parameters, must be bigger than tRCRISE to allow a good
current regulation by the PWM stage. Furthermore, the ON time tON can not be smaller than
the minimum ON time tON(MIN).
Equation 5
Figure 12 shows the lower limit for the ON time tON for having a good PWM current
regulation capacity. It should be mentioned that tON is always bigger than tON(MIN) because
the device imposes this condition, but it can be smaller than tRCRISE - tDT. In this last case
the device continues to work but the OFF time tOFF is not more constant.
Therefore, a small COFF value gives more flexibility to the applications (allows smaller ON
time and, therefore, higher switching frequency), but, the smaller the value for COFF, the
more influential the noises on the circuit performance.
tON tON MIN

tON tRCRISE tDT
1,5
styp

=
tRCRISE
600 COFF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com