Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15ATNET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDUMH15ATNET
Description  Single-Phase Auto Transfer Switch / Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH15ATNET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDUMH15ATNET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ATS configurations enable hot-swappable UPS protection when used with a single UPS and redundant UPS protection when each input is connected to a
separate UPS system (in a two-UPS environment, the primary input cable must be supported by an online UPS similar to Tripp Lite SmartOnline)
Advanced ATS configurations using separate mains circuits, backup generators and out of phase utility feeds are fully supported
On-board processor evaluates power quality on both inputs to prevent transfer to the secondary source when unavailable or of lower quality than the
primary source
2-7 millisecond transfer time between primary and secondary inputs
DHCP/Manual configuration support; Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2, Telnet, SSH, FTP,
DHCP, BOOTP, NTP protocols
Compatible with optional ENVIROSENSE temperature monitor
Outlets are factory programmed for sequential turn-on at 250 millisecond intervals as the PDU is first energized
Front panel LEDs confirm power availability on primary / secondary inputs and each output receptacle
TAA Compliant Version Available - Order Tripp Lite PDUMH15ATNETAA
Specifications
OVERVIEW
PDU Type
Auto-Transfer Switch; Switched
OUTPUT
Output Capacity Details
1.4kW (120V input), 1.5kW (127V input), 1.2kW (100V input); 15A maximum (Agency de-rated to 12A continuous)
Frequency compatibility
60 Hz
Output nominal voltage
100-127V nominal, single phase
Outlet quantity / type
8 NEMA 5-15R
Outlet Type
NEMA 5-15R
Customized load management
receptacles
8 individually controlled outlets
INPUT
PDU Input Voltage
100; 120; 127
Maximum Input Amps (A)
15
Maximum Input Amps (A) Details
Agency de-rated to 12A continuous
PDU Plug Type
NEMA 5-15P
Input cord length (ft.)
12
Input cord length (m)
3.66
Phase
Single-Phase
LEDS ALARMS & SWITCHES
Front panel LEDs
10 front panel LEDs display power on - off status for each outlet, plus 2 LEDs for power status on each input line
cord. Digital Current Meter display shows total output power consumption in amps.
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com