Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15ATNET Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDUMH15ATNET
Description  Single-Phase Auto Transfer Switch / Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH15ATNET Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDUMH15ATNET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMH15ATNET Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PHYSICAL
Shipping Dimensions (HWD/in)
6.25 x 22.5 x 23.5
Shipping Dimensions (HWD/cm)
15.9 x 57.2 x 59.7
Shipping weight (lbs)
15.2
Shipping weight (kg)
6.9
Unit Dimensions (HWD/in)
1.75 (1U) x 17.5 x 14.5
Unit Dimensions (HWD/cm)
4.44 x 44.4 x 36.8
Unit weight (lbs)
11
Unit weight (kg)
5
Material of construction
Steel
Style
Rackmount
Form factors supported
1U rackmount
PDU Form Factor
Horizontal (1U, 2U, etc)
ENVIRONMENTAL
Relative Humidity
Up to 95% (non-condensing)
COMMUNICATIONS
SNMP compatibility
Yes, pre-installed SNMPWEBCARD provides remote monitoring via web, telnet, and SNMP management systems.
Remote management gives user ability to turn connected loads on or off individually
SPECIAL FEATURES
Appearance
Black 1U rackmount steel chassis
CERTIFICATIONS
TAA Compliant Option
TAA Compliant Version Available - Order Tripp Lite PDUMH15ATNETAA
Certifications
Tested to UL 60950-1 (USA, Canada), Class A (Emissions), NOM (Mexico), RoHS compliant
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
WEXT3-PDU-ATNET
3-Year Extended Warranty - For Switched PDUs ending with ATNET
1
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com