Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15NET Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PDUMH15NET
Description  Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH15NET Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PDUMH15NET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P030-002-5
5-Pack of 2-ft. 18AWG Power Cords NEMA 5-15P to IEC-320-C13)
1
P006-003
3-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-004
4-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-004-BL
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Blue Connectors
1
P006-004-GN
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Green Connectors
1
P006-004-RD
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Red Connectors
1
P006-004-YW
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Yellow Connectors
1
P006-006
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-006-2
6-ft. AC Power Splitter Cable (NEMA 5-15P to 2 x IEC-320-C13)
1
P006-006-515MF
6 ft. Piggyback Power Cord (NEMA 5-15P/R to IEC-320-C13 )
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to NEMA 5-15P)
1
P007-010
10-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to NEMA 5-15P)
1
P034-010
10-ft. 14AWG Heavy Duty Power cord ( IEC-320-C19 to NEMA 5-15P)
1
P006-010
10-ft. 18AWG Power cord ( NEMA 5-15P to IEC-320-C13)
1
P010-012
12-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
Copyright © 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous
improvement. Specifications are subject to change without notice. Photos may differ slightly from final products.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com