Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15NET Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDUMH15NET
Description  Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH15NET Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDUMH15NET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tripp Lite
1111 West 35th Street
Chicago, IL 60609 USA
Telephone: +(773) 869 1234
Model Number: PDUMH15NET
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P
input plug
Highlights
Switched 15A 120V PDU, 1U horizontal rackmount format
Reports voltage, frequency & load level via ethernet interface
Visual current meter, Reversible housing
NEMA 5-15P input with attached 12 ft. / 3.6m line cord
16 NEMA 5-15R switched outlets with cord retention brackets
Temperature, humidity and contact closure monitoring options
Description
Tripp Lite single phase Switched PDU / Power Distribution Unit offers advanced network control and monitoring with the ability to turn on, turn off,
recycle or lock-out power to each individual receptacle, monitor site electrical conditions and remotely monitor output power consumption.
PowerAlert interface supports remote control and custom notification of user-specified conditions via email, secure web, SNMP, Telnet or SSH
interface. Individually switched outlets can be controlled in real-time to remotely reboot unresponsive network hardware, or be custom programmed
for user-defined power-up and power-down sequences to ensure proper startup of interdependent IT systems and prevent inrush-related overloads
as network equipment is first energized. Unused PDU outlets can be electronically locked off to prevent the connection of unauthorized hardware.
PDU output current consumption in amps is continuously displayed locally via visual meter and remotely via web/network interface to warn of
potential overloads before critical IT mains or branch breakers trip.
Applications
Ideal means of powering networking equipment in datacenters, computer rooms and network closets
Package Includes
PDU with attached 5-15P input power cord
Installable 1U mounting brackets
PowerAlert software
User manual
Features
15A 120V Switched Power Distribution Unit / PDU with built-in web/network interface (Agency derated to 12A continuous)
Attached NEMA 5-15P 120V single phase input; 12 ft. / 3.6m cord
1U horizontal rackmount form factor
16 switched NEMA 5-15R outlet (8 front / 8 rear)
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional loads and disabling unused outlets
Network interface provides PDU control and data regarding input voltage and total output load level in amps
Digital display continuously reports total output load level in amps
Supports user-specified alarm notification thresholds
In-rack environmental reporting with optional ENVIROSENSE temperature / humidity sensor and rack access notification with up to 4
optional SRSWITCH door sensors
DHCP/Manual configuration support
10/100 Mbps auto-sensing


Similar Part No. - PDUMH15NET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH15NET2LX TRIPPLITE-PDUMH15NET2LX Datasheet
162Kb / 4P
1.4kW Single-Phase Switched PDU, LX Platform Interface, 120V Outlets (8 5-15R), NEMA 5-15P, 12 ft. Cord, 1U Rack, TAA
More results

Similar Description - PDUMH15NET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1215 ETC2-PDU1215 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input plug
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
PDU2430 ETC2-PDU2430 Datasheet
481Kb / 5P
Single-Phase Basic PDU, 2.9kW 30A 120V, 1U Horizontal Rackmount, 24 NEMA 5-15R outlets, NEMA L5-30P input plug
PDUB15 ETC2-PDUB15 Datasheet
486Kb / 5P
Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets, set of 2 NEMA 5-15P input plugs
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
PDUMH15AT ETC2-PDUMH15AT Datasheet
478Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA
PDUMH15ATNET ETC2-PDUMH15ATNET Datasheet
486Kb / 5P
Single-Phase Auto Transfer Switch / Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDUMV15NETLX TRIPPLITE-PDUMV15NETLX Datasheet
177Kb / 4P
1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com