Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDUMV20
Description  Single-Phase Metered PDU, 1.9kW 20A 120V, 0U Vertical Rackmount, 28 NEMA 5-15/20R outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMV20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDUMV20 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Capacity Details
1.9kW (120V input), 2.0kW (127V input), 1.6kW (100V input); 20A maximum (Agency de-rated to 16A continuous)
Frequency compatibility
50 / 60 Hz
Output nominal voltage
100-127V nominal, single phase
Overload protection
20A
Outlet quantity / type
28 NEMA 5-15/20R
Outlet Type
NEMA 5-15/20R
INPUT
PDU Input Voltage
100; 120; 127
Maximum Input Amps (A)
20
Maximum Input Amps (A) Details
Agency de-rated to 16A continuous
PDU Plug Type
NEMA 5-20P; NEMA L5-20P
Input cord length (ft.)
15
Input cord length (m)
4.6
Phase
Single-Phase
LEDS ALARMS & SWITCHES
Switches
Lighted on/off switch with integrated transparent saftey cover
Front panel LEDs
Digital ammeter display
PHYSICAL
Shipping Dimensions (HWD/in)
63.25 x 3 x 2.75
Shipping Dimensions (HWD/cm)
160.66 x 7.62 x 6.99
Shipping weight (lbs)
6
Shipping weight (kg)
2.72
Unit Dimensions (HWD/in)
60 x 1.75 x 1.25
Unit Dimensions (HWD/cm)
152.4 x 4.45 x 3.18
Unit weight (lbs)
5.4
Unit weight (kg)
2.45
Material of construction
Aluminum
Style
Vertical Rackmount
Form factors supported
Vertical
PDU Form Factor
Vertical (0U)
SPECIAL FEATURES
Appearance
Black housing with digital current meter display
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com