Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDUMV20
Description  Single-Phase Metered PDU, 1.9kW 20A 120V, 0U Vertical Rackmount, 28 NEMA 5-15/20R outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMV20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDUMV20 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single-Phase Metered PDU, 1.9kW 20A 120V, 0U
Vertical Rackmount, 28 NEMA 5-15/20R outlets,
NEMA L5-20P input with 5-20P adapter
MODEL NUMBER: PDUMV20
Description
Tripp Lite single phase Metered PDU / Power Distribution Units offer real-time local reporting of load level in
amps via built-in digital display. Enables visual monitoring of PDU load levels to prevent overloads as additional
equipment is added. Offers reliable rackmount multi-outlet power distribution from any protected UPS, generator
or mains input power source. High quality design includes rugged all-metal housing and secure rackmount
installation with included mounting accessories.
Features
20A single phase 120V Metered Power Distribution Unit / PDU (Agency de-rated to 16A continuous)
Two-digit lighted meter reports combined total output current in amps
Attached NEMA L5-20P input plug with 15ft / 4.6m line cord and 5-20P adapter
0U 60in / 152cm vertical rackmount format installs using no rack spaces
28 NEMA 5-15/20R outlets
Includes 20A circuit breaker and lighted power switch inside a transparent protective cover
Toolless installation supported in button-mount compatible equipment racks
Bolt-down installation brackets support installation in other racks and additional surfaces
Specifications
OVERVIEW
PDU Type
Metered
OUTPUT
Highlights
Metered single phase 120V 20A
0U 60in / 152cm vertical
rackmount PDU
Two-digit current meter reports
output current in amps
Attached 15ft / 4.6m cord with
NEMA L5-20P plug and 5-20P
adapter
28 NEMA 5-15/20R outlets
Toolless button mount and
bolt-down bracket installation
hardware included
Applications
Ideal means of powering
networking equipment in
datacenters, computer rooms
and network closets
Package Includes
PDUMV20 Metered Vertical PDU
(1) L5-20P to 5-20P plug adapter
Mounting hardware and spare
mounting buttons
Instruction manual with warranty
information
1 / 4


Similar Part No. - PDUMV20

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV20-36 TRIPPLITE-PDUMV20-36 Datasheet
161Kb / 3P
2kW Single-Phase Local Metered PDU, 100-127V Outlets (14 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 36 in. Height
PDUMV20-72 TRIPPLITE-PDUMV20-72 Datasheet
158Kb / 3P
2kW Single-Phase Local Metered PDU, 100-127V Outlets (36 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 72-in.
PDUMV20HV TRIPPLITE-PDUMV20HV Datasheet
153Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V Outlets (6-C19 & 32-C13 ) C20/L6-20P Cable 10ft Cord, 0U Vertical
PDUMV20HVNET2LX TRIPPLITE-PDUMV20HVNET2LX Datasheet
185Kb / 4P
3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
More results

Similar Description - PDUMV20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
PDUMH20AT ETC2-PDUMH20AT Datasheet
479Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.9kW 20A 120V, 1U Horizontal Rackmount, 16 5-15/20R outlets
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDU3MV6L20BTAA TRIPPLITE-PDU3MV6L20BTAA Datasheet
531Kb / 3P
TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P,6ft Cord, 0U Vertical
PDU3MV6L2120B TRIPPLITE-PDU3MV6L2120B Datasheet
499Kb / 3P
5.7kW 3-Phase Metered PDU, 208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P, 6ft Cord, 0U Vertical, TAA
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
logo
Schneider Electric
AP7830 SCHNEIDER-AP7830 Datasheet
68Kb / 2P
Rack PDU, Metered, Zero U, 20A, 120V, (24) NEMA 5-20R
Oct 17, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com