Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS712B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS712B
Description  7 outlet, 12-ft cord, black strip - Power It! Power Strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS712B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS712B Datasheet HTML 1Page - List of Unclassifed Manufacturers PS712B Datasheet HTML 2Page - List of Unclassifed Manufacturers PS712B Datasheet HTML 3Page - List of Unclassifed Manufacturers PS712B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
7 NEMA 5-15R
Transformer accommodation
Supports 1 large transformer plug accessory without covering remaining outlets, accepts up to 4 transformers total
Outlet orientation
Single row
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input cord length (ft.)
12
Input cord length (m)
3.66
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
72000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position red illuminated on/off power switch
DATALINE SURGE SUPPRESSION
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
13.78 x 4.92 x 2.36
Shipping Dimensions (HWD/cm)
35.00 x 12.50 x 5.99
Shipping weight (lbs)
1.92
Shipping weight (kg)
0.87
Unit Dimensions (HWD/in)
1.32 x 2.05 x 11.69
Unit Dimensions (HWD/cm)
3.35 x 5.21 x 29.69
Unit weight (lbs)
1.76
Unit weight (kg)
0.80
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting slots enable wall mounting
Receptacle Color
Black
AC line cord color
Black
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com