Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS712B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS712B
Description  7 outlet, 12-ft cord, black strip - Power It! Power Strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS712B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS712B Datasheet HTML 1Page - List of Unclassifed Manufacturers PS712B Datasheet HTML 2Page - List of Unclassifed Manufacturers PS712B Datasheet HTML 3Page - List of Unclassifed Manufacturers PS712B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7 outlet, 12-ft cord, black strip - Power It! Power
Strip
MODEL NUMBER: PS712B
Description
Tripp Lite's PS712B power strip offers reliable, convenient and cost-effective power distribution for applainces, power tools, lighting and other electrical
equipment. PS712B offers 7 total outlets, 12 foot cord. Attractive black housing with keyhole mounting slots and 1 designated transformer plug outlet.
Multi-outlet strip reduces cable clutter and enables the connection of multiple electrical devices to a single AC wall socket.
PLUG/OUTLETS: Input: NEMA5-15P/Output: 7 NEMA5-15R/12 ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer spaced outlet
Features
7 outlets / 12-ft cord
Attractive black housing
EMI/RFI noise filtering
Can accommodate 1 transformer without blocking remaining outlets
Diagnostic LEDs indicate protection present & ground present
Keyhole supports for wall mounting
Specifications
OVERVIEW
Intended Application
Home/Office
OUTPUT
Frequency compatibility
50 / 60 Hz
Highlights
7 outlets
12 ft power cord
Illuminated on/off switch
15 amp circut breaker
Keyhold mounting slots
Applications
Offers a reliable convenient and
cost-effective method of power
distribution for appliances, power
tools, lighting and other electrical
equipment in home, office or
worksite.
Package Includes
PS712B Surge Suppressor
Instruction manual and warranty
information
1 / 3


Similar Part No. - PS712B

ManufacturerPart #DatasheetDescription
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7122-1A CEL-PS7122-1A Datasheet
72Kb / 7P
6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7122-2A NEC-PS7122-2A Datasheet
81Kb / 12P
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7122-2A CEL-PS7122-2A Datasheet
72Kb / 7P
6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7122-2B NEC-PS7122-2B Datasheet
25Kb / 2P
8 PIN DIP TYPE OPTO-COUPLED SOLID DTATE RELAY
More results

Similar Description - PS712B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2408 ETC2-PS2408 Datasheet
464Kb / 3P
8-outlet Vertical Power Strip with 15-ft. Cord
PS3612 ETC2-PS3612 Datasheet
463Kb / 4P
12-outlet Vertical Power Strip with 15-ft. Cord
PS4816 ETC2-PS4816 Datasheet
462Kb / 4P
16-outlet Vertical Power Strip with 15-ft. Cord
PS6020 ETC2-PS6020 Datasheet
462Kb / 4P
20-outlet Vertical Power Strip with 15-ft. Cord
PS7224 ETC2-PS7224 Datasheet
461Kb / 4P
24-outlet Vertical Power Strip with 15-ft. Cord
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
logo
Tripp Lite. All Rights ...
PS725B TRIPPLITE-PS725B Datasheet
164Kb / 3P
Power It! 7-Outlet Power Strip, 25 ft. (7.62 m) Cord, Black Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com