Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP606RNET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLP606RNET
Description  6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP606RNET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLP606RNET Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP606RNET Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP606RNET Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP606RNET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Outlet quantity / type
6 NEMA 5-15R
Outlet orientation
Rotatable
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P RIGHT ANGLE
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Diagnostic LEDs
Built-in LEDs confirm suppressor "protected" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1440
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Clamping voltage (RMS)
300,500,500
UL1449 let through rating
400, 500, 500
EMI / RFI filtering
150KHZ TO 100MHZ
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
Yes
Cable (Coax) Protection Details
1 line
Network (Ethernet) Protection
Yes
PHYSICAL
Shipping Dimensions (HWD/in)
12.60 x 6.10 x 2.36
Shipping Dimensions (HWD/cm)
32 x 15.49 x 5.99
Shipping weight (lbs)
1.54
Shipping weight (kg)
0.70
Unit Dimensions (HWD/in)
2.2 x 5.91 x 4.72
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com