Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP606RNET Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP606RNET
Description  6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP606RNET Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP606RNET Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP606RNET Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP606RNET Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP606RNET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold
coaxial 1-line tel/modem protection - Surge
Suppressor
MODEL NUMBER: TLP606RNET
Description
Tripp Lite's TLP606RNET Surge Suppressor provides high-performance protection--1440 joules--stopping
damaging surges and filtering disruptive line noise so components perform at their peak! 6 outlets - 4 that rotate,
2 that are standard, 1-line coaxial protection - that also rotates and 1-line tel/modem for maximum protection.
$150,000 Ultimate Lifetime Insurance coverage (USA and Canada only). Includes two diagnostic LEDs, 6 ft. gold
coaxial cable, 6ft network cable and 6 ft. phone cord.
Features
6 outlets - 4 rotate, 2 standard, allow for easier plug connection and removal
1440 joules surge suppression rating with EMI/RFI line noise filtering help components perform at their peak (sharper, crisper video; deeper, fuller audio
and longer component life spans)
6ft cord
1 set of surge-protected gold coaxial connectors (with included 6 ft. coaxial cable) safeguard components on cable, satellite or antenna line (2.2GHz
bandwidth)
1 set of surge-protected tel/modem.ethernet connectors (with included 6 ft. phone cord and 6ft Network cable)
2 diagnostic LEDs alert user to protection and grounding status
High-impact plastic housing (black) stands up to the most demanding environments
$150,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OVERVIEW
Intended Application
Home/Office
Highlights
6 outlets - 4 rotate, 2 standard
6 ft cord
1440 joules
1 line tel/modem and 1-line gold
coax (2.2GHz bandwidth)
protection
$150,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Perfect for small home/business
theater installations:
high-definition TVs, satellite and
A/V receivers, DVD/CD players
and more
Package Includes
TLP606RNET Surge Suppressor
Instruction manual with warranty
information
6 ft. gold coaxial cable
6 ft. phone cord
6 ft network cord
1 / 3


Similar Part No. - TLP606RNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP606B TRIPPLITE-TLP606B Datasheet
166Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 790 Joules, Diagnostic LED, Black Housing
logo
List of Unclassifed Man...
TLP606DMUSB ETC2-TLP606DMUSB Datasheet
539Kb / 4P
6-outlet, 6-ft cord, 2100 joules, 2 port USB chargers 2.1 amp total, desk clamp mount strip - Protect It
TLP606USB ETC2-TLP606USB Datasheet
523Kb / 4P
6-outlet, 6-ft cord, 990 joules, 2 port USB chargers 2.1 amp total, strip - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP606USBB TRIPPLITE-TLP606USBB Datasheet
171Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 990 Joules, 2 USB Ports (2.1A), Black Housing
More results

Similar Description - TLP606RNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR4ULTRA ETC2-ISOBAR4ULTRA Datasheet
496Kb / 5P
4 outlets, 6ft cord, 3330 joules, All-metal housing with LEDs - Isobar Surge Suppressor
ISOTEL6ULTRA ETC2-ISOTEL6ULTRA Datasheet
505Kb / 5P
6-Outlet Isobar Surge Protector with 6-ft Cord and 2-Line Tel/Modem Protection
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
HT1010SAT3 ETC2-HT1010SAT3 Datasheet
509Kb / 5P
10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
ISOBAR6DBS ETC2-ISOBAR6DBS Datasheet
505Kb / 5P
6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com