Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2EZ-X4D1-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2EZ-X4D1-R
Description  Chip-immune Inductive Proximity Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EZ-X4D1-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2EZ-X4D1-R Datasheet HTML 1Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 2Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 3Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 4Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 5Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 6Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 7Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 8Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
E2EZ
3
Ratings and Specifications
*1. Use the Sensor within the range in which the green indicator is ON.
*2. The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and
a set distance of half the sensing distance.
Model E2EZ-X2D
@-N
E2EZ-X2D
@-M1J
E2EZ-X2D
@-M1GJ
E2EZ-X4D
@-N
E2EZ-X4D
@-M1J
E2EZ-X4D
@-M1GJ
E2EZ-X8D
@-N
E2EZ-X8D
@-M1J
E2EZ-X8D
@-M1GJ
E2EZ-X4C1
E2EZ-X4Y1
E2EZ-X8C1
E2EZ-X8Y1
Item
Sensing distance
2 mm
±10%
4 mm
±10%
8 mm
±10%
4 mm
±10%
8 mm
±10%
Set distance *1
0 to 1.6 mm
0 to 3.2 mm
0 to 6.4 mm
0 to 3.2 mm
0 to 6.4 mm
Differential travel
20% max. of sensing distance
Detectable object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on page 4.)
Standard sensing
object
Iron, 12
× 12 × 1 mm
Iron, 30
× 30 × 1 mm
Iron, 54
× 54 × 1 mm
Iron, 30
× 30 × 1 mm
Iron, 54
× 54 × 1 mm
Response
frequency *2
200 Hz
100 Hz
30 Hz
C Models: 12 Hz
Y Models: 5 Hz
C Models: 8 Hz
Y Models: 5 Hz
Power supply volt-
age
(operating voltage
range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
C Models: 12 to 24 VDC (10 to 30 VDC), ripple (p-p):
10% max.
Y Models: 100 to 220 VAC (90 to 250 VAC), 50/60 Hz
Current
consumption
---
C Models: 15 mA max.
Leakage current
0.8 mA max.
Y Models: 2 mA max. at 100 VAC, 3 mA max. at 200 VAC
Con-
trol
output
Load cur-
rent
3 to 100 mA max.
C Models: NPN open-collector output
100 mA max. at 12 VDC (30 VDC max.)
200 mA max. at 24 VDC (30 VDC max.)
Y Models: 10 to 200 mA
Residual
voltage
3 V max. (Load current: 100 mA, Cable length: 2 m)
C Models: 2 V max. (Load current: 200 mA, Cable length:
2 m)
Y Models: Refer to residual voltage characteristic data
Refer to page 4.
Indicators
D1 Models: Operation indicator (red), Setting indicator (green)
D2 Models: Operation indicator (red)
C Models: Detection indicator (red)
Y Models: Operation indicator (red)
Operation mode
(with sensing ob-
ject approaching)
D1 Models: NO
D2 Models: NC
For details, refer to the Timing chart on page 5.
NO
For details, refer to the Timing chart on page 6.
Protection
circuits
Load short-circuit protection, Surge suppressor
C Models: Load short-circuit protection, Reverse polarity
protection, Surge suppressor
Y Models: Surge suppressor
Ambient
temperature range
Operating/Storage: 0 to 50
°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±20% max. of sensing distance at 23°C in the temperature range of 0 to 50°C
Voltage influence
±2.5% max. of sensing distance at rated voltage in the rated voltage ±10% range
Insulation
resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute between current-carrying parts and case
C Models: 1,000 VAC, 50/60 Hz for 1 min between cur-
rent-carrying parts and case
Y Models: 2,000 VAC, 50/60 Hz for 1 min between cur-
rent-carrying parts and case
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 10 times each in X, Y, and Z directions
Degree of
protection
IEC 60529 IP67, in-house standards: oil-resistant
Connection
method
Pre-wired Models (Standard cable length: 2 m) and Pre-wired Connector Models
Weight
(packed state)
E2EZ-X2D
@-N: Approx.
70 g
E2EZ-X2D
@-M1J: Approx.
40 g
E2EZ-X2D
@-M1GJ:
Approx. 40 g
E2EZ-X4D
@-N: Approx.
160 g
E2EZ-X4D
@-M1J:
Approx. 90 g
E2EZ-X4D
@-M1GJ:
Approx. 90 g
E2EZ-X8D
@-N: Approx.
220 g
E2EZ-X8D
@-M1J:
Approx. 160 g
E2EZ-X8D
@-M1GJ:
Approx. 160 g
Approx. 170 g
Approx. 270 g
Materi-
als
Case
Nickel-plated brass
Sensing
surface
PBT
Heat-resistant ABS
Clamp-
ing nuts
Zinc-plated iron
Toothed
washer
Zinc-plated iron
Accessories
Instruction manual



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com