Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2EZ-X4D1-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2EZ-X4D1-R
Description  Chip-immune Inductive Proximity Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EZ-X4D1-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2EZ-X4D1-R Datasheet HTML 1Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 2Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 3Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 4Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 5Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 6Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 7Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 8Page - Omron Electronics LLC E2EZ-X4D1-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
E2EZ
Engineering Data (Reference Value)
Sensing Area
E2EZ-X2
@
E2EZ-X4
@
E2EZ-X8
@
Influence of Sensing Object Size and Material
E2EZ-X2
@
E2EZ-X4
@
E2EZ-X8
@
Residual Output Voltage
E2EZ-X
@D@-N
E2EZ-X4Y1/-X8Y1 at 100 VAC
E2EZ-X4Y1/-X8Y1 at 200 VAC
0.5
1.0
1.5
Y
X
2.0
2.5
8
6
4
2
0
−2
−4
−6
−8
0.0
Distance Y
(mm)
Sensing Head
−2
−4
−6
−8
−10
0
1
2
3
Y
X
4
5
10
8
6
4
2
0
Distance Y
(mm)
Sensing Head
0
1
2
3
4
5
6
−8
−12
−16
−20
X
7
8
9
10
Y
20
16
12
8
4
0
−4
Distance Y
(mm)
Sensing Head
0
1
2
4
5
X
3
40
30
20
10
Side length of sensing object: d (mm)
Brass
Iron
Aluminum
Stainless steel
(SUS304)
d
×
d
t = 1 mm
0
2
4
8
10
X
6
60
50
40
30
20
10
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Brass
Iron
Aluminum
Stainless
steel
(SUS304)
Copper
010
2
4
6
8
10
X
60
50
40
30
20
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Iron
Brass
Aluminum
Copper
Stainless
steel
(SUS304)
10
5
3
1
0
1
2
3
4
5
1,000
500
300
100
50
30
Load current (mA)
50
A
V
ON
100 VAC
OFF
200
150
100
50
10
5
0
100
Residual output
voltage
Residual load
voltage
Load current (mA)
ON
200 VAC
V
A
100
150
200
0
50
10
5
200
150
100
50
OFF
Residual output
voltage
Residual
load
voltage
Load current (mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com