Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911V Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9911V
Description  Car alternator multifunction smart voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9911V Datasheet HTML 5Page - STMicroelectronics L9911V Datasheet HTML 6Page - STMicroelectronics L9911V Datasheet HTML 7Page - STMicroelectronics L9911V Datasheet HTML 8Page - STMicroelectronics L9911V Datasheet HTML 9Page - STMicroelectronics L9911V Datasheet HTML 10Page - STMicroelectronics L9911V Datasheet HTML 11Page - STMicroelectronics L9911V Datasheet HTML 12Page - STMicroelectronics L9911V Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L9911
Electrical specification
Doc ID10990 Rev 12
9/19
If_leak
Output field driver leakage current B+ = 24 V; VF+ = 0
-
-
10
A
DUTY-PR
Phase regulation max field ON
duty
see Figure 7
26.56
31.25
35.94
%
VH_SAT
High side driver saturation
Voltage (see Figure 9)
With driver Isource = 500 mA
-
-
1.5
V
VL_SAT
Low side driver saturation voltage
(see Figure 9)
With driver Isink = 500 mA
-
-
1.5
V
VLSB
Self bias without supply lamp
driver voltage
B+ open; L connected to 12 V
through a 50 Ohm resistor
--
4
V
IHSC
High side driver short circuit
current protection
B+ = 12.5 V; L = GND
1.2
-
3
A
ILSC
Low side driver short circuit
current (see Figure 15)
B+ = L = 12.5 V
1
-
2
A
VthL
Enable regulator supply voltage
threshold
-0.8
-
1.15
V
Ipd_L
L terminal pull-down current when
the generator is not rotating
VL = 0.6 V
0.4
-
3.5
mA
IL_sink
L sink current when the generator
is rotating
P frequency 500 Hz; VB+ = 12 V
-
-
100
µA
t-D
Diagnostic alarm delay time
-
0.2
-
0.5
s
Vcan-DFM
Test mode to cancel soft start/
attack (voltage)
(see Figure 10)
30
-
50
V
tcan-DFM
Test mode delay time
25
-
-
ms
VPHL1
Enable control voltage input high
threshold
--
-
0.40
V
VPHL2
Enable control voltage input low
threshold
--
-
0.25(1)
V
tPHL1
Enable Control Voltage Phase
Filtering Time
-50
-
115
s
VPHH1
Diagnosis phase loss input high
threshold
-8
9
10
V
VPHH2_1
Diagnosis phase loss input low
threshold
-6.4
7.4
8.4
V
tPHd
Diagnostic phase filtering time
-
50
-
100
µs
IPd-P1
Phase pull-down current
VP = 0.8 V
1
-
8
mA
f-dfm
DFM output open drain switching
freq.
Ialt =1 A~0.9 · Inom;
1400 rpm < rpm < RPMMAX;
Isink = 4 mA
125
-
200
Hz
VL-DFM
Output low voltage saturation
I-sink = 14 mA
-
-
1.5
V
I-SC_DFM
Short circuit current protection
VB+ = VDFM = 12.5 V
50
-
400
mA
Ilk-DFM
Output leakage current
VDFM =16 V at DFM driver OFF
-
-
5
µA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com