Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911V Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9911V
Description  Car alternator multifunction smart voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9911V Datasheet HTML 6Page - STMicroelectronics L9911V Datasheet HTML 7Page - STMicroelectronics L9911V Datasheet HTML 8Page - STMicroelectronics L9911V Datasheet HTML 9Page - STMicroelectronics L9911V Datasheet HTML 10Page - STMicroelectronics L9911V Datasheet HTML 11Page - STMicroelectronics L9911V Datasheet HTML 12Page - STMicroelectronics L9911V Datasheet HTML 13Page - STMicroelectronics L9911V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical specification
L9911
10/19
Doc ID10990 Rev 12
t-TM
Output voltage rise time
R = 1 k
 (see Figure 6)
0.5
-
50
µs
t-TD
Output voltage fall time
0.5
-
50
1.
Guaranteed by design.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 6.
Load response control parameters
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
t_ST_1
Soft start delay time (see
Figure 12) 2 steps available,
selectable by mask option (see
Table 7).
Activated always at engine start
-0--
s
t_ST_2
1.73
2
2.35
s
tSL_1
Soft attack time / soft start time
(see Figure 12). 2 steps
available, selectable by mask
option (see Table 7).
From 0 to 100 % field duty cycle
2.13
2.5
2.87
s
tSL_2
7.65
9
10.35
EN-RES
(constant)
Reset frequency range to
enable regulation; Frequency
judged after 4 periods (see
Figure 11)
-
405060
Hz
EN-1
Soft start enable (EN) and
LRC disable (DISAB)
frequency ranges.
4 configurations available,
selectable by mask option
(possible combinations in
Table 8). Always activated at
engine start. Frequencies
judged after 4 periods (see
Figure 11)
Tj = 25 °C
Tj = -40 to150 °C
108
102
120
120
132
138
Hz
Hz
EN-2
Tj = 25 °C
Tj = -40 to150 °C
131
124
145
145
159
166
Hz
Hz
EN-3
Tj = 25 °C
Tj = -40 to150 °C
144
136
160
160
176
184
Hz
Hz
EN-4
Tj = 25 °C
Tj = -40 to150 °C
174
165
193
193
212
221
Hz
Hz
DISAB-1
Tj = 25 °C
Tj = -40 to150 °C
270
255
300
300
330
345
Hz
Hz
DISAB-2
Tj = 25 °C
Tj = -40 to150 °C
315
298
350
350
385
402
Hz
Hz
DISAB-3
Tj = 25 °C
Tj = -40 to150 °C
367
347
408
408
449
469
Hz
Hz
DISAB-4
Tj = 25 °C
Tj = -40 to150 °C
420
397
466
466
512
535
Hz
Hz
Table 7.
Load response control timing options
-
t_SL = 2.5 s
t_SL = 9 s
t_ST = 0 s
LRC-A
LRC-D
t_ST = 0.5 s
LRC-C
-
t_ST = 2 s
LRC-E
LRC-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com