Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MM2001
Description  Capacitive humidity sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MM2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers MM2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 2 -
Model
MMT2001
Power
4.5-6V DC
Output signal
0- 3V DC for humidity, 0~0.8V DC for temperature
Accuracy
humidity +-3%RH,
temperature +-0.5 Celsius
Working range
humidity 0-100%RH,
temperature 0~80 Celsius
Resolution or sensitivity
humidity 0.1%RH, temperature 0.1 Celsius
Humidity hysteresis
+-0.3%RH
Long-term Stability
+-0.5%RH/year
Interchangeability
fully interchangeable
Response time
<10s
Dimensions
size 58*16*18mm(length*width*height)
3. Electrical connection:
MM2001
Red wire
Power supply
Yellow wire
Humidity output
Black wire
GND
4. Typical performance diagram
Voltage
0
0.5
1
1.5
2
2.5
3
3.5
RH
MMT2001
Red wire
Power supply
Yellow wire
Humidity output
White wire
Temperature output
Black wire
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com