Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2001
Description  Capacitive humidity sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers MM2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 1 -
Capacitive humidity sensor --Voltage output, Model: MM2001/MMT2001
1. Feature & Application:
*Full range temperature compensated
*0-3V DC output for humidity
*Humidity Accuracy +-3.0%RH
*Range 0 to 100% RH
*Light weight, easy installation
The outstanding accuracy of MM2001/MMT2001 over the entire range is based on very precise calibration
methods and the latest microprocessor technology. Well-proven MaxDetect capacitive humidity sensor ensure
excellent long-term stability.
2. Technical Specification:
Model MM2001 only detect relative humidity, MMT2001 detect relative humidity and temperature both.
Model
MM2001
Power
4.5-6V DC
Output signal
0- 3V DC for humidity
Accuracy
humidity +-3%RH
Working range
humidity 0-100%RH, temperature 0~80 Celsius
Resolution or sensitivity
humidity 0.1%RH;
Humidity hysteresis
+-0.3%RH
Long-term Stability
+-0.5%RH/year
Interchangeability
fully interchangeable
Response time
<10s
Dimensions
size 58*16*18mm(length*width*height)
---------------------------------------------------------------------------------------------------------------------------------------


Similar Part No. - MM2001

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2000 TM-MM2000 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
More results

Similar Description - MM2001

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HCH-1000 HONEYWELL-HCH-1000 Datasheet
160Kb / 4P
Capacitive Humidity Sensors
HCH-1000 HONEYWELL-HCH-1000_13 Datasheet
228Kb / 4P
Capacitive Humidity Sensors
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
Humidity Sensor
logo
STMicroelectronics
HTS221 STMICROELECTRONICS-HTS221 Datasheet
748Kb / 33P
Capacitive digital sensor for relative humidity and temperature
30-Aug-2016
logo
Innovative Sensor Techn...
103563 IST-103563 Datasheet
776Kb / 5P
Capacitive Humidity Sensor
103572 IST-103572 Datasheet
724Kb / 5P
Capacitive Humidity Sensor
103573 IST-103573 Datasheet
808Kb / 5P
Capacitive Humidity Sensor
K5-W IST-K5-W Datasheet
707Kb / 5P
Capacitive Humidity Sensor
MK33 IST-MK33 Datasheet
782Kb / 5P
Capacitive Humidity Sensor
P14-2FW IST-P14-2FW Datasheet
862Kb / 6P
Capacitive Humidity Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com