Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE31U-240-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # POE31U-240-R
Description  30W Passive Power over Ethernet Adapter Lowest Cost IEEE802.3at Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

POE31U-240-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  POE31U-240-R Datasheet HTML 1Page - List of Unclassifed Manufacturers POE31U-240-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
30W Passive Power over Ethernet Adapter
Lowest Cost IEEE802.3at Power
Features
Compliant with the IEEE802.3at Standard
Level V Efficiency
Very Low Cost
2 Wire or 3 Wire Options
Very Low leakage
Full Protection OCP, OVP
Non-Vented Case
1 Year Warranty
Applications
IP Telephones (W Model Recommended)
Security Camera
Wireless Network Access Points
IP Print Servers
Blue Tooth Access Point
Wimax APs
Safety Approvals
cUL/UL
Energy Star
CE
Mechanical Characteristics
Length: 140mm (5.51in)
Height: 36mm (1.42in)
Width: 65mm (2.55in)
Weight: 225g (0.44lb.)
Output Specifications
Model Number
Output Voltage
Output Current
Input Connector
POE31U-240
24V
1.25A
3 Wire C13
POE31U-560
56V
0.54A
3 Wire C13
POE31W-240
24V
1.25A
2 Wire C8
POE31W-560
56V
0.54A
2 Wire C8
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.


Similar Part No. - POE31U-240-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
30W Passive Power over Ethernet Adapter
More results

Similar Description - POE31U-240-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
30W Power Over Ethernet Adapter
POE61U-560D PHIHONG-POE61U-560D Datasheet
290Kb / 3P
60W Passive Power over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT_14 Datasheet
101Kb / 3P
30W Power over Ethernet Adapter
POE31U PHIHONG-POE31U Datasheet
92Kb / 2P
30W Passive Power over Ethernet Adapter
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
30W Passive Power over Ethernet Adapter
POE31U-560DO PHIHONG-POE31U-560DO Datasheet
111Kb / 2P
30W Dual Port Passive Power-over-Ethernet Midspan
POE29U-1AT PHIHONG-POE29U-1AT Datasheet
232Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE29W-1AT PHIHONG-POE29W-1AT Datasheet
233Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE31X-1AT PHIHONG-POE31X-1AT Datasheet
234Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3at Compliant Power Injector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com