Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE31U-240-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # POE31U-240-R
Description  30W Passive Power over Ethernet Adapter Lowest Cost IEEE802.3at Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

POE31U-240-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  POE31U-240-R Datasheet HTML 1Page - List of Unclassifed Manufacturers POE31U-240-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE31U Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC, 47-63Hz
AC Input Current
0.8A (RMS) maximum for 120VAC
0.5A (RMS) maximum for 240VAC
Leakage Current
W models 250uA maximum @ 264VAC 60Hz
U models 350uA maximum @ 264VAC 60Hz
AC Inrush Current
30A (RMS) maximum for 115VAC
60A (RMS) maximum for 240VAC
OUTPUT:
Total Output Power
30W
Output Ripple
24V
240mVp-p
56V
560mVp-p
Efficiency
Meets Energy Star Level V Efficiency
Hold-up Time
10mS min. 120VAC and maximum load
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +65°C
Humidity
Operation
20 to 90%
EMC
FCC Part 15 Class B
EN55022 Class B
Isolation Test
Primary to Secondary: 1500VAC for 1 minute 10mA (U)
Primary to Secondary: 3000 VAC for 1 minute (W
models)
Primary to F.G.: 1500VAC for 1 minute (U models)
Output to F.G.: 1500VAC (U models)
Immunity
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 2
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 2
Voltage Dips
EN61000-4-11
Harmonic:
EN61000-3-2 Class A
Insulation Resistance
Primary to Secondary: >10M OHM 500VDC
Primary to Field Ground: >10M OHM 500VDC
IEEE 802.3at Interoperability
UNH Interoperability report available upon request
FEATURE:
Over Voltage/Current, Short Circuit Protection
Outputs equipped with short circuit protection and
overload protection.
The output can be shorted permanently without damage
Input Connector
IEC320 C12 for U Models
IEC320 C8 for W Models
Output Connection
+pins 4, 5
-pins 7, 8
Warranty
1 Year
Dimension Diagram Unit: mm (inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com