Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0807 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA0807
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0807 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA0807 Datasheet HTML 1Page - Pulse A Technitrol Company PA0807 Datasheet HTML 2Page - Pulse A Technitrol Company PA0807 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
89
SPM2007 (11/07)
HIGH FREQUENCY PLANAR
TRANSFORMERS
PA08XXNL Series (up to 140W)
.005/0,13
H*
*H - Maximum Height
(see table above)
SUGGESTED PAD LAYOUT
.250
6,35
.800
20,32
6
1
7
11
.080
2,03
6XØ
.500
12,70
.110
2,79
5XØ
.180
4,57
.620
15,75
.400
10,16
.390
9,91
PA0XXX
Date Code
Country of Origin
.850
21,60MAX
6
.047
1,19
5XØ
SHAFT
.080
2,03
5XØ
FOOT
.032
0,81
6XØ
SHAFT
.050
1,27
6XØ
FOOT
1
7
11
.920
23,37
MAX
Mechanical
Power Rating: up to 140W
Height: 8.6mm to 9.7mm Max
Footprint: 23.4mm x 21.6mm Max
Frequency Range: 200kHz to 700kHz
Isolation (Primary to Secondary
& Core): 1750VDC
Part
3
Turns
Primary 1
Leakage 2
DCR (m
Ω MAX)
Maximum
Number
Schematic
Inductance
Inductance
Primary
Primary
Secondary
Height
Primary A
Primary B
Secondary
(µH MIN)
(µH MAX)
AB
(mm)
PA0801NL
4T
4T
153
0.45
17.5
17.5
7
8.6
PA0802
4T
5T
4T
194
0.45
17.5
20
7
8.6
PA0803NL
5T
5T
(1T:1T:1T:1T)
A1
240
0.55
20
20
7
8.6
PA0804NL
5T
6T
290
0.60
20
25
7
8.6
PA0805NL
6T
6T
345
0.65
25
25
7
8.6
PA0806NL
4T
4T
153
0.45
17.5
17.5
.875 & .875
8.6
PA0807
4T
5T
194
0.45
17.5
20
.875 & .875
8.6
PA0808NL
5T
5T
1T & 1T
A2
240
0.55
20
20
.875 & .875
8.6
PA0809NL
5T
6T
290
0.60
20
25
.875 & .875
8.6
PA0810NL
6T
6T
345
0.65
25
25
.875 & .875
8.6
PA0811NL
4T
4T
153
0.45
17.5
17.5
1.75 & 1.75
8.6
PA0812
4T
5T
194
0.45
17.5
20
1.75 & 1.75
8.6
PA0813NL
5T
5T
2T & 1T
A3
240
0.45
20
20
1.75 & 1.75
8.6
PA0814NL
5T
6T
290
0.50
20
25
1.75 & 1.75
9.7
PA0815NL
6T
6T
345
0.55
25
25
1.75 & 1.75
9.7
Notes: 1. Inductance is measured with both primary windings connected in series (2 to 5, with 3 and 4 shorted). 2. Leakage inductance is measured on
winding (2-5) with (3,4) and (7, 8, 9, 10, 11) shorted. 3. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not necessarily
RoHS compliant, but are electrically and mechanically equivalent to NL versions. If a part number does not have the "NL" suffix, but an RoHS compliant
version is required, please contact Pulse for availability. 4. Basic insulated parts can be made available. Please contact Pulse for availability.
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C
Weight ..................11.0 grams
Tape & Reel...............180/reel
Tray .............................40/tray
Tape & Reel Layout for PA0801 thru PA0813
.920
23,37
1.260
32,00
1.260 ± .012
32,00 ± 0,30
.378
9,60
.790
20,07
USER DIRECTION
OF FEED
NOTE: The above is a universal footprint for a component that has all 11 pins
populated. For a given part number, it is only necessary to provide pads for the
terminations shown in the schematics on the next page.
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25


Similar Part No. - PA0807

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0807 PULSE-PA0807 Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS PA08XXNL Series (up to 140W)
PA0807 PULSE-PA0807 Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0807NL PULSE-PA0807NL Datasheet
962Kb / 4P
High Frequency Planar Transforms
More results

Similar Description - PA0807

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
High Frequency Planar Transformers
PH08XXCNL PULSE-PH08XXCNL Datasheet
691Kb / 3P
HIGH FREQUENCY FLAT COIL PLANAR TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com