Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0807 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA0807
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0807 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA0807 Datasheet HTML 1Page - Pulse A Technitrol Company PA0807 Datasheet HTML 2Page - Pulse A Technitrol Company PA0807 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
91
SPM2007 (11/07)
HIGH FREQUENCY PLANAR
TRANSFORMERS
PA08XXNL Series (up to 140W)
Single Winding
Tapped Winding
Dual Winding
Turns
1T
2T
3T
4T
1:1
1:2
1:3
2:2
1T & 1T
1T & 2T
DCR
(m
Ω
Ω)
0.44
1.3
3.5
7
1.3
3.5
7
7
1.3
3.5
4T
10
PA0806
PA0806
PA0811
PA0801
PA0806
PA0811
PA0801
PA0801
PA0806
PA0811
5T
12.5
PA0808
PA0808
PA0813
PA0803
PA0808
PA0813
PA0803
PA0803
PA0808
PA0813
6T
15
PA0810
PA0810
PA0815
PA0805
PA0810
PA0815
PA0805
PA0805
PA0810
PA0815
8T
40
PA0806
PA0806
PA0811
PA0801
PA0806
PA0811
PA0801
PA0801
PA0806
PA0811
9T
45
PA0807
PA0807
PA0812
PA0802
PA0807
PA0812
PA0802
PA0802
PA0807
PA0812
10T
50
PA0808
PA0808
PA0813
PA0803
PA0808
PA0813
PA0803
PA0803
PA0808
PA0813
11T
55
PA0809
PA0809
PA0814
PA0804
PA0809
PA0814
PA0804
PA0804
PA0809
PA0814
12T
60
PA0810
PA0810
PA0815
PA0805
PA0810
PA0815
PA0805
PA0805
PA0810
PA0815
4T/4T
20/20
PA0806
PA0806
PA0811
PA0801
PA0806
PA0811
PA0801
PA0801
PA0806
PA0811
4T/5T
20/25
PA0807
PA0807
PA0812
PA0802
PA0807
PA0812
PA0802
PA0802
PA0807
PA0812
5T/5T
25/25
PA0808
PA0808
PA0813
PA0803
PA0808
PA0813
PA0803
PA0803
PA0808
PA0813
5T/6T
25/30
PA0809
PA0809
PA0814
PA0804
PA0809
PA0814
PA0804
PA0804
PA0809
PA0814
6T/6T
30/30
PA0810
PA0810
PA0815
PA0805
PA0810
PA0815
PA0805
PA0805
PA0810
PA0815
PA08XX Transformer Winding Configuration Matrix
The following is a matrix of the winding configurations that are
possible with the Pulse PA08XX Planar Transformer Platform.
The package is typically capable of handling between 80-140W of
power depending on the application, ambient conditions and
available cooling. Once a configuration is selected, the formulae
and charts can be used to determine the approximate power
dissipation and temperature rise of the component in a given
application.
NOTES:
1. The primary inductance for any configuration can be calculated as:
Primary Inductance (µH MIN) = 2.4 * (Primary_Turns)2
2. The above base part numbers (PA08XXNL) are available from stock.
3. It is possible to add a small gap to the transformer. Gapped transformers are non-standard and can be made available upon
request, but are not typically available from stock. To request a gapped version of the transformer, add a suffix 'G' to the base
number (ie: PA0801NLG or PA0801.004NLG etc.). The nominal inductance with the a gap can be calculated as:
Primary Inductance (µH nominal) = 0.69 * (Primary Turns)2
4. It is possible to add a primary side aux. winding to any of the above configurations as shown in the schematics. Transformers with
primary side aux. windings are non-standard and can be made available upon request, but are not typically available from stock.
The primary aux. winding can be between 2 and 16 turns. To add a primary aux. winding to a given base, use the extension .0XX.
For example, to add a 4T aux. winding to the base part number PA0801NL, use the part number PA0801.004NL. To add a 16T
aux. winding, use the part number PA0801.016NL.
5. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the complete part number (i.e. PA0801 becomes
PA0801T for no AUX - PA0801.009NL becomes PA0801T.009NLT for 9T AUX). Pulse complies to industry standard tape and reel
specification EIA481.
SECONDARY WINDINGS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com