Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN3005KB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IN3005KB
Description  Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IN3005KB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IN3005KB Datasheet HTML 1Page - List of Unclassifed Manufacturers IN3005KB Datasheet HTML 2Page - List of Unclassifed Manufacturers IN3005KB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Multimedia Keyboard - Notebook/Laptop Computer
Peripheral Devices
MODEL NUMBER: IN3005KB
Description
Tripp Lite's Multimedia Keyboard provides one-touch access to the Internet, email and all of your favorite
programs with 12 customized hot keys.
Features
One-touch access to the Internet, email and all of your favorite programs with 12 customized hot keys
Specifications
OVERVIEW
Model Type
Keyboards
PRODUCT OVERVIEW
Product Overview
Multimedia Keyboard
LEDS ALARMS & SWITCHES
Diagnostic LEDs
3 (Num Lock, Caps Lock, Scroll Lock)
PHYSICAL
Unit Dimensions (in.)
16.75 x 8 x 0.75
Unit weight (lbs)
1.57
Unit weight (kg)
0.71
Unit Dimensions (cm)
42.55 x 20.32 x 1.91
Highlights
USB connection provides
plug-and-play convenience
Perfect size for any notebook or
desktop environment
Sleep hot key puts your notebook
or desktop computer to sleep with
a touch of the button
Internet hot keys deliver
one-touch instant access to a
variety Internet functions
Multimedia hot keys allow you to
control music, videos and other
media
Applications
Notebook and desktop computers
System Requirements
Windows 98/ME/2000/XP/NT
Macintosh OS 8.5 and above
CD-ROM drive
USB port
Package Includes
Multimedia keyboard
CD-ROM with iKeyWorks
Software
User's guide
1 / 2


Similar Part No. - IN3005KB

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
IN300 ADVANCEDENERGY-IN300 Datasheet
335Kb / 4P
IMPAC IN 300
logo
List of Unclassifed Man...
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
More results

Similar Description - IN3005KB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
Multimedia Computer Audio Chip
logo
NXP Semiconductors
SAA9730 PHILIPS-SAA9730 Datasheet
30Kb / 2P
INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER
1998
logo
Holtek Semiconductor In...
HT82K68E HOLTEK-HT82K68E Datasheet
260Kb / 40P
Multimedia Keyboard Encoder OTP
August 8, 2000
logo
List of Unclassifed Man...
AU9432R2 ETC2-AU9432R2 Datasheet
447Kb / 31P
Multimedia USB Keyboard Hu
AU9432 ETC2-AU9432_05 Datasheet
252Kb / 28P
Multimedia USB Keyboard Hub
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
NS2002BK ETC2-NS2002BK Datasheet
477Kb / 3P
Articulating Notebook Arm - Notebook/Laptop Computer Security & Stands
logo
Tripp Lite. All Rights ...
P012-006 TRIPPLITE-P012-006 Datasheet
474Kb / 3P
Standard Laptop/Notebook Power Cord, 10A
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
NB1001BK TRIPPLITE-NB1001BK Datasheet
494Kb / 2P
Profile Notebook Brief - Notebook-Laptop Computer Carrying Cases and Bags
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com