Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET350SER Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # INTERNET350SER
Description  Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNET350SER Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  INTERNET350SER Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Volt Amp Capacity (VA)
350
Output Watt Capacity (watts)
180
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
6 5-15R outlet(s)
Surge suppression only outlets
3 UPS outlets, 3 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
2.5 min. (180w)
Half load runtime (minutes)
10 min. (90w)
DC system voltage (VDC)
12
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Alarms
Audible alarm indicates power-failure and overload status
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
510
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC noise suppression
Yes
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com