Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET350SER Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # INTERNET350SER
Description  Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNET350SER Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  INTERNET350SER Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNET350SER Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
3-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$100,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
WEXT5-INTERNET
5-Year Extended Warranty - For Internet Office, AVR and ECO Series UPS Systems
1
PDUB15
Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets,
set of 2 NEMA 5-15P input plugs
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/INTERNET350SER.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com