Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNETOFFICE500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # INTERNETOFFICE500
Description  Internet Office 500VA Tower Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNETOFFICE500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  INTERNETOFFICE500 Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Half load runtime (minutes)
14.8 min. (140w)
DC system voltage (VDC)
12
Replacement battery cartridge
(internal UPS battery replacement)
RBC51
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
LEDS ALARMS & SWITCHES
LED Indicators
3 LEDs indicate line power, battery power and battery low/replace status
Alarms
Audible alarm indicates power-failure and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
480
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC noise suppression
Yes
AC suppression joule rating
480
AC suppression response time
Instantaneous
PHYSICAL
Installation form factors supported
with included accessories
Tower
Installation form factors supported
with optional accessories
Wallmount (UPSWM - tower mounting kit)
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
8.5 x 5.2 x 7
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
21.6 x 13.3 x 17.8
UPS / Power Module weight (lbs)
14
UPS / Power Module weight (kg)
6.4
UPS Shipping dimensions (height x
width x depth / inches)
12 x 8.2 x 10
UPS Shipping dimensions (height x
width x depth / cm)
30.5 x 21 x 25.4
Shipping weight (lbs)
15.4
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com